Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9779PCB Datasheet(PDF) 3 Page - Analog Devices

Part # AD9779PCB
Description  Dual 16-Bit, 1.0 GSPS D/A Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9779PCB Datasheet(HTML) 3 Page - Analog Devices

  AD9779PCB Datasheet HTML 1Page - Analog Devices AD9779PCB Datasheet HTML 2Page - Analog Devices AD9779PCB Datasheet HTML 3Page - Analog Devices AD9779PCB Datasheet HTML 4Page - Analog Devices AD9779PCB Datasheet HTML 5Page - Analog Devices AD9779PCB Datasheet HTML 6Page - Analog Devices AD9779PCB Datasheet HTML 7Page - Analog Devices AD9779PCB Datasheet HTML 8Page - Analog Devices AD9779PCB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
Preliminary Technical Data
AD9779
Rev. PrD | Page 3 of 34
SPECIFICATIONS1
DC SPECIFICATIONS
(VDD33 = 3.3 V, VDD18 = 1.8 V, MAXIMUM SAMPLE RATE, UNLESS OTHERWISE NOTED)
Parameter
Temp
Test Level
Min
Typ
Max
Unit
RESOLUTION
16
Bits
Integral Nonlinearity (DNL)
± 1.5
LSB
ACCURACY
Differential Nonlinearity (INL)
± 5
LSB
Offset Error
± TBD
% FSR
Gain Error (With Internal Reference)
± TBD
% FSR
Gain Error (Without Internal Reference)
± TBD
% FSR
Full Scale Output Current
10
20
30
mA
Output Compliance Range
1.0
V
Output Resistance
TBD
k
Ω
ANALOG OUTPUTS
Output Capacitance
TBD
pF
Offset
TBD
ppm/
°C
Gain
TBD
ppm/
°C
TEMPERATURE DRIFT
Reference Voltage
TBD
ppm/
°C
Internal Reference Voltage
1.2
V
REFERENCE
Output Current
100
nA
VDDA33
3.13
3.3
3.47
V
ANALOG SUPPLY
VOLTAGES
VDDA18
1.70
1.8
1.90
V
VDDD33
3.13
3.3
3.47
V
VDDD18
1.70
1.8
1.90
V
DIGITAL SUPPLY
VOLTAGES
VDDCLK
1.70
1.8
1.90
V
600 MSPS
TBD
mW
POWER CONSUMPTION
Standby Power
TBD
mW
Table 1: DC Specifications
1 Specifications subject to change without notice



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com