Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9779PCB Datasheet(PDF) 20 Page - Analog Devices

Part # AD9779PCB
Description  Dual 16-Bit, 1.0 GSPS D/A Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9779PCB Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9779PCB Datasheet HTML 16Page - Analog Devices AD9779PCB Datasheet HTML 17Page - Analog Devices AD9779PCB Datasheet HTML 18Page - Analog Devices AD9779PCB Datasheet HTML 19Page - Analog Devices AD9779PCB Datasheet HTML 20Page - Analog Devices AD9779PCB Datasheet HTML 21Page - Analog Devices AD9779PCB Datasheet HTML 22Page - Analog Devices AD9779PCB Datasheet HTML 23Page - Analog Devices AD9779PCB Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
AD9779
Preliminary Technical Data
Rev. PrD | Page 20 of 34
F_low
Center
F_High
Interp.
Factor
<7:6>
Filter
Mode
<5:2>
Filter1 mode
(Mode_F1)
Filter2 mode
(Mode_F2)
Filter3 mode
(Mode_F3)
Modulation
Nyquist
Zone
Passband
(Freq. Normalized to FDAC)
8
00h
0
0
0
DC_odd
1
-0.05
0
0.05
8
01h
1
1
0
DC_even
2
0.0125
0.0625
0.1125
8
02h
2
2
1
F/8_odd
3
0.075
0.125
0.175
8
03h
3
3
2
F/8_even
4
0.1375
0.1875
0.2375
In 8x
interpolation,
BW=0.0375-
(0.1* FDAC)
Worst case:
F/32
8
04h
0
4
2
2F/8_odd
5
0.2
0.25
0.3
8
05h
1
5
2
2F/8_even
6
0.2625
0.3125
0.3625
8
06h
2
6
3
3F/8_odd
7
0.325
0.375
0.425
8
07h
3
7
4
3F/8_even
8
0.3875
0.4375
0.4875
8
08h
0
0
4
-4F/8_even
-8
0.45
0.5
0.55
8
09h
1
1
4
-4F/8_odd
-7
0.5125
0.5625
0.6125
8
0Ah
2
2
5
-3F/8_even
-6
0.575
0.625
0.675
8
0Bh
3
3
6
-3F/8_odd
-5
0.6375
0.6875
0.7375
8
0Ch
0
4
6
-2F/8_even
-4
0.7
0.75
0.8
8
0Dh
1
5
6
-2F/8_odd
-3
0.7625
0.8125
0.8625
8
0Eh
2
6
7
-F/8_even
-2
0.825
0.875
0.925
8
0Fh
3
7
0
-F/8_odd
-1
0.8875
0.9375
0.9875
4
00h
0
0
OFF
DC_odd
1
-0.1
0
0.1
4
01h
1
1
OFF
DC_even
2
0.025
0.125
0.225
4
02h
2
2
OFF
F/4_odd
3
0.15
0.25
0.35
4
03h
3
3
OFF
F/4_even
4
0.275
0.375
0.475
In 8x
interpolation,
BW=0.075-(0.2*
FDAC)
Worst case:
F/16
4
04h
0
4
OFF
-F/2_even
-4
0.4
0.5
0.6
4
05h
1
5
OFF
-F/2_odd
-3
0.525
0.625
0.725
4
06h
2
6
OFF
-F/4_even
-2
0.65
0.75
0.85
4
07h
3
7
OFF
-F/4_odd
-1
0.775
0.875
0.975
2
00h
0
OFF
OFF
DC_odd
1
-0.2
0
0.2
2
01h
1
OFF
OFF
DC_even
2
0.05
0.25
0.45
2
02h
2
OFF
OFF
-F/2_even
-1
0.3
0.5
0.7
2
03h
3
OFF
OFF
-F/2_odd
-2
0.55
0.75
0.95
In 2x
Interpolation
BW=0.15-0.4
FDAC
Worst case: F/8
Table 13: Interpolation Filter Modes, see Reg 01, bits 5 :2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com