Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9779PCB Datasheet(PDF) 17 Page - Analog Devices

Part # AD9779PCB
Description  Dual 16-Bit, 1.0 GSPS D/A Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9779PCB Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9779PCB Datasheet HTML 13Page - Analog Devices AD9779PCB Datasheet HTML 14Page - Analog Devices AD9779PCB Datasheet HTML 15Page - Analog Devices AD9779PCB Datasheet HTML 16Page - Analog Devices AD9779PCB Datasheet HTML 17Page - Analog Devices AD9779PCB Datasheet HTML 18Page - Analog Devices AD9779PCB Datasheet HTML 19Page - Analog Devices AD9779PCB Datasheet HTML 20Page - Analog Devices AD9779PCB Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
Preliminary Technical Data
AD9779
Rev. PrD | Page 17 of 34
7
Data Delay Error
(read only)
0
6
Chip
Synchronization
Delay Error (read
only)
0
5
Cross Control
Error (read only)
0
3
Data Delay Error
Enable
0
2
Chip
Synchronization
Error Enable
0
06
IRQ Status
1
Cross Control
Error Enable
0
7:3
PLL Band Select
See
Table 14 for
values.
11001
07
PLL Band and Divide
2:0
PLL Ripple Cap
Adjust
111
7
PLL Enable
0: PLL off, DAC rate clock supplied by outside source
1: PLL on, DAC rate clock synthesized internally from data rate clock via PLL
clock multiplier
0
6:5
PLL Output Divide
Ratio
00: Divide by 1
01: Divide by 2
10: Divide by 4
11: Divide by 8
01
4:3
PLL Loop
Feedback Divide
Ratio
00: Divide by 1
01: Divide by 2
10: Divide by 4
11: Divide by 8
10
08
PLL Enable and
Charge Pump
Control
2:0
PLL Loop Filter
Bandwidth Tuning
Recommended
Settings. See
Table 14 for PLL
Band Select
values.
000: PLL band select 00000-00111
100: PLL band select 01000-01111
110: PLL band select 10000-10111
111: PLL band select 11000-11111
111
7
PLL Error Bit
Source
0: Phase error detect
1: Range limit
0
6
PLL Reference
Bypass
0: Use PLL reference
1: Use DAC reference
0
5:3
VCO AGC Gain
Control. See
Table
14 for PLL Band
Select values.
000: PLL band select 00000-00111
100: PLL band select 01000-01111
110: PLL band select 10000-10111
111: PLL band select 11000-11111
111
09
Misc. Control
2:0
PLL Bias Current
Level/Trim
000
0A
IDAC Gain
7:0
IDAC Gain
Adjustment
(7:0) LSB slice of 10 bit gain setting word for IDAC
11111001
7
IDAC Sleep
0: IDAC on
1: IDAC off
0
6
IDAC Power Down
0: IDAC on
1: IDAC off
0
0B
IDAC Gain and
Control
1:0
IDAC Gain
Adjustment
(9:8) MSB slice of 10 bit gain setting word for IDAC
01
0C
Auxiliary DAC1 Gain
7:0
Aux DAC1 Gain
Adjustment
(7:0) LSB slice of 10 bit gain setting word for Aux DAC1
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com