Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24M01-R Datasheet(PDF) 46 Page - STMicroelectronics

Part # M24M01-R
Description  1-Mbit serial I²C bus EEPROM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M01-R Datasheet(HTML) 46 Page - STMicroelectronics

Back Button M24M01-R Datasheet HTML 39Page - STMicroelectronics M24M01-R Datasheet HTML 40Page - STMicroelectronics M24M01-R Datasheet HTML 41Page - STMicroelectronics M24M01-R Datasheet HTML 42Page - STMicroelectronics M24M01-R Datasheet HTML 43Page - STMicroelectronics M24M01-R Datasheet HTML 44Page - STMicroelectronics M24M01-R Datasheet HTML 45Page - STMicroelectronics M24M01-R Datasheet HTML 46Page - STMicroelectronics M24M01-R Datasheet HTML 47Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 46 / 47 page
background image
Revision history
M24M01-R M24M01-DF
46/47
DocID12943 Rev 14
13-May-2015
11
Added:
– Unsawn wafer reference on cover page and Table 21: Ordering
information scheme (unsawn wafer)
– Figure 3
– Notes 1 and 2 on Table 5
– title of Table 10
– note 1 on Table 11
–VIL parameter on Table 12 and Table 13
–tNS max value on Table 14 and Table 15
– note 9 on Table 13
– Table 20
Added:
– Notes 9 and 10 on Table 12
– Notes 2and 3 on Table 13
– Figure 19: WLCSP 8-bump wafer-length chip-scale package
recommended land pattern
– Table 21
– Engineering samples reference
Removed:
– note 5 on Min value of tCLQX Table 13
10-June-2015
12
Updated:
– Note 1 on Figure 2
– Table 20
– note 1 on Table 20
04-Jul-2016
13
Updated:
– Table 12: DC characteristics (M24M01-R, device grade 6),
Table 13: DC characteristics (M24M01-DF, device grade 6),
Table 18: WLCSP- 8-bump, without BSC, 2.578 x 1.716 mm, wafer
level chip scale package outline, Figure 18: WLCSP- 8-bump,
without BSC, 2.578 x 1.716 mm, wafer level chip scale package
outline, Figure 20: WLCSP- 8-bump, 2.578 x 1.716 mm, wafer level
chip scale package recommended footprint
Added:
– Table 19: WLCSP- 8-bump, with BSC, 2.578 x 1.716 mm, wafer
level chip scale package outline, Figure 19: WLCSP- 8-bump, with
BSC, 2.578 x 1.716 mm, wafer level chip scale package outline
23-Oct-2017
14
Added CX reference in WLCSP package in cover page, Section 9.3:
WLCSP8 ultra thin package information.
Updated title in Figure 3: WLCSP connections (top view, marking
side, with balls on the underside), Table 5: Absolute maximum
ratings, Table 21: Ordering information scheme
Table 23. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com