Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24M01-R Datasheet(PDF) 27 Page - STMicroelectronics

Part # M24M01-R
Description  1-Mbit serial I²C bus EEPROM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M01-R Datasheet(HTML) 27 Page - STMicroelectronics

Back Button M24M01-R Datasheet HTML 23Page - STMicroelectronics M24M01-R Datasheet HTML 24Page - STMicroelectronics M24M01-R Datasheet HTML 25Page - STMicroelectronics M24M01-R Datasheet HTML 26Page - STMicroelectronics M24M01-R Datasheet HTML 27Page - STMicroelectronics M24M01-R Datasheet HTML 28Page - STMicroelectronics M24M01-R Datasheet HTML 29Page - STMicroelectronics M24M01-R Datasheet HTML 30Page - STMicroelectronics M24M01-R Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 47 page
background image
DocID12943 Rev 14
27/47
M24M01-R M24M01-DF
DC and AC parameters
46
Table 13. DC characteristics (M24M01-DF, device grade 6)
Symbol
Parameter
Test conditions (in addition to
those in Table 6)
Min.
Max.
Unit
ILI
Input leakage current
(E1, E2, SCL, SDA)
VIN = VSS or VCC
device in Standby mode
-± 2
µA
ILO
Output leakage current
SDA in Hi-Z, external voltage
applied on SDA: VSS or VCC
-± 2
µA
ICC
Supply current (Read)
VCC = 1.7 V, fc= 400 kHz
-
1
mA
VCC = 2.5 V, fc =400 kHz
-
1
mA
VCC = 5.5 V, fc =400 kHz
-
1.5
mA
fc= 1 MHz
-
1.5
mA
ICC0
Supply current (Write)
During tW
-2(1)
1. Characterized only, not tested in production.
mA
ICC1
Standby supply current
Device not selected,
VIN = VSS or VCC, VCC = 1.7 V
-3
µA
Device not selected,
VIN = VSS or VCC, VCC = 2.5 V
-3
µA
Device not selected,
VIN = VSS or VCC, VCC = 5.5 V
-5
µA
VIL
Input low voltage
(Ei, SCL, SDA, WC)(2)
2. Ei inputs should be tied to VSS (seeSection 2.3).
1.7 V
≤ VCC < 2.5 V
–0.45
0.25 VCC
V
2.5 V
≤ VCC < 5.5 V
–0.45
0.30 VCC
V
VIH
Input high voltage
(Ei, SCL, SDA, WC)(3)
3. Ei inputs should be tied to Vcc (see Section 2.3).
1.7 V
≤ VCC < 2.5 V
0.75 VCC
VCC+1
v
2.5 V
≤ VCC < 5.5 V
0.70 VCC
VCC+1
v
VOL
Output low voltage
IOL = 1.0 mA, VCC = 1.7 V
-
0.2
V
IOL = 2.1 mA, VCC = 2.5 V
-
0.4
V
IOL = 3.0 mA, VCC = 5.5 V
-
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com