Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24M01-R Datasheet(PDF) 37 Page - STMicroelectronics

Part # M24M01-R
Description  1-Mbit serial I²C bus EEPROM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M01-R Datasheet(HTML) 37 Page - STMicroelectronics

Back Button M24M01-R Datasheet HTML 33Page - STMicroelectronics M24M01-R Datasheet HTML 34Page - STMicroelectronics M24M01-R Datasheet HTML 35Page - STMicroelectronics M24M01-R Datasheet HTML 36Page - STMicroelectronics M24M01-R Datasheet HTML 37Page - STMicroelectronics M24M01-R Datasheet HTML 38Page - STMicroelectronics M24M01-R Datasheet HTML 39Page - STMicroelectronics M24M01-R Datasheet HTML 40Page - STMicroelectronics M24M01-R Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 47 page
background image
DocID12943 Rev 14
37/47
M24M01-R M24M01-DF
Package information
46
Figure 19. WLCSP - 8 balls, 2.578x1.716 mm, 0.5 mm pitch, wafer level chip scale
recommended footprint
1. Dimensions are expressed in millimeters.
G
-
0.789
-
-
0.0311
-
aaa
-
0.11
-
-
0.0043
-
bbb
-
0.11
-
-
0.0043
-
ccc
-
0.11
-
-
0.0043
-
ddd
-
0.06
-
-
0.0024
-
eee
-
0.06
-
-
0.0024
-
1. Values in inches are converted from mm and rounded to 4 decimal digits.
Table 18. WLCSP - 8 balls, 2.578x1.716 mm, 0.5 mm pitch, wafer level chip scale
mechanical data (continued)
Symbol
millimeters
inches(1)
Min
Typ
Max
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com