Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24M01-R Datasheet(PDF) 36 Page - STMicroelectronics

Part # M24M01-R
Description  1-Mbit serial I²C bus EEPROM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M01-R Datasheet(HTML) 36 Page - STMicroelectronics

Back Button M24M01-R Datasheet HTML 32Page - STMicroelectronics M24M01-R Datasheet HTML 33Page - STMicroelectronics M24M01-R Datasheet HTML 34Page - STMicroelectronics M24M01-R Datasheet HTML 35Page - STMicroelectronics M24M01-R Datasheet HTML 36Page - STMicroelectronics M24M01-R Datasheet HTML 37Page - STMicroelectronics M24M01-R Datasheet HTML 38Page - STMicroelectronics M24M01-R Datasheet HTML 39Page - STMicroelectronics M24M01-R Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 47 page
background image
Package information
M24M01-R M24M01-DF
36/47
DocID12943 Rev 14
9.3
WLCSP8 ultra thin package information
Figure 18. WLCSP - 8 balls, 2.578x1.716 mm, 0.5 mm pitch, wafer level chip scale
package outline
1. Drawing is not to scale.
2. Dimension is measured at the maximum bump diameter parallel to primary datum Z.
3. Primary datum Z and seating plane are defined by the spherical crowns of the bump.
4. Bump position designation per JESD 95-1, SPP-010.
Table 18. WLCSP - 8 balls, 2.578x1.716 mm, 0.5 mm pitch, wafer level chip scale
mechanical data
Symbol
millimeters
inches(1)
Min
Typ
Max
Min
Typ
Max
A
0.425
0.465
0.505
0.0167
0.0183
0.0199
A1
-
0.190
-
-
0.0075
-
A2
-
0.275
-
-
0.0108
-
b
-
0.270
-
-
0.0106
-
D
-
2.578
2.598
-
0.1015
0.1023
E
-
1.716
1.736
-
0.0676
0.0683
e
-
1.000
-
-
0.0394
-
e1
-
0.866
-
-
0.0341
-
e2
-
0.500
-
-
0.0197
-
e3
-
0.500
-
-
0.0197
-
F
-
0.425
-
-
0.0167
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com