Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95128-DF Datasheet(PDF) 15 Page - STMicroelectronics

Part # M95128-DF
Description  128-Kbit serial SPI bus EEPROM with high-speed clock
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95128-DF Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M95128-DF Datasheet HTML 11Page - STMicroelectronics M95128-DF Datasheet HTML 12Page - STMicroelectronics M95128-DF Datasheet HTML 13Page - STMicroelectronics M95128-DF Datasheet HTML 14Page - STMicroelectronics M95128-DF Datasheet HTML 15Page - STMicroelectronics M95128-DF Datasheet HTML 16Page - STMicroelectronics M95128-DF Datasheet HTML 17Page - STMicroelectronics M95128-DF Datasheet HTML 18Page - STMicroelectronics M95128-DF Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
6.3.4
SRWD bit
The Status register Write Disable (SRWD) bit is operated in conjunction with the Write protect (W) signal. The
Status register Write Disable (SRWD) bit and Write protect (W) signal enable the device to be put in the Hardware
Protected mode (when the Status register Write Disable (SRWD) bit is set to 1, and Write protect (W) is driven
low). In this mode, the non-volatile bits of the Status register (SRWD, BP1, BP0) become read-only bits and the
Write Status register (WRSR) instruction is no longer accepted for execution.
Table 6. Status register format
b7
b0
SRWD
0
0
0
BP1
BP0
WEL
WIP
Status register Write protect
Block protect bits
Write enable latch bit
Write in progress bit
6.4
Write Status register (WRSR)
The Write Status register (WRSR) instruction is used to write new values to the Status register. Before it can be
accepted, a Write enable (WREN) instruction must have been previously executed.
The Write Status register (WRSR) instruction is entered by driving Chip select (S) low, followed by the instruction
code, the data byte on Serial Data input (D) and Chip select (S) driven high. Chip select (S) must be driven high
after the rising edge of Serial clock (C) that latches in the eighth bit of the data byte, and before the next rising
edge of Serial clock (C). Otherwise, the Write Status register (WRSR) instruction is not executed.
The instruction sequence is shown in Figure 11 below.
Figure 11. Write Status register (WRSR) sequence
C
D
S
2
1
3
4
5
6
7
8
9 10
11 12 13 14 15
Instruction
0
MS47556V1
Q
Status Register In
High impedance
MSB
7
6
5
4
3
2
1
0
Driving the Chip select (S) signal high at a byte boundary of the input data triggers the
self-timed Write cycle that takes tW to complete (as specified in AC tables in Section 9 DC and AC parameters).
While the Write Status register cycle is in progress, the Status register may still be read to check the value of the
Write in progress (WIP) bit: the WIP bit is 1 during the self-timed Write cycle tW, and 0 when the Write cycle is
complete. The WEL bit (Write enable latch) is also reset at the end of the Write cycle tW.
M95128-W M95128-R M95128-DF
Write Status register (WRSR)
DS1356 - Rev 20
page 15/48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com