Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95128-DF Datasheet(PDF) 2 Page - STMicroelectronics

Part # M95128-DF
Description  128-Kbit serial SPI bus EEPROM with high-speed clock
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95128-DF Datasheet(HTML) 2 Page - STMicroelectronics

  M95128-DF Datasheet HTML 1Page - STMicroelectronics M95128-DF Datasheet HTML 2Page - STMicroelectronics M95128-DF Datasheet HTML 3Page - STMicroelectronics M95128-DF Datasheet HTML 4Page - STMicroelectronics M95128-DF Datasheet HTML 5Page - STMicroelectronics M95128-DF Datasheet HTML 6Page - STMicroelectronics M95128-DF Datasheet HTML 7Page - STMicroelectronics M95128-DF Datasheet HTML 8Page - STMicroelectronics M95128-DF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
1
Description
The M95128 devices are electrically erasable programmable memories (EEPROMs) organized as 16384 x 8 bits,
accessed through the SPI bus.
The M95128-W can operate with a supply voltage from 2.5 V to 5.5 V, the M95128-R can operate with a supply
voltage from 1.8 V to 5.5 V and the M95128-DF can operate with a supply voltage from 1.7 V to 5.5 V, over an
ambient temperature range of -40 °C / +85 °C.
The M95128-DF offers an additional page, named the Identification page (64 bytes). The Identification page can
be used to store sensitive application parameters that can be (later) permanently locked in read-only mode.
Figure 1. Logic diagram
S
VCC
HOLD
M95xxx
W
Q
C
D
VSS
The SPI bus signals are C, D and Q, as shown in Figure 1. Logic diagram and Table 1. Signal names. The device
is selected when Chip select (S) is driven low. Communications with the device can be interrupted when the
HOLD is driven low.
Table 1. Signal names
Signal name
Function
Direction
C
Serial clock
Input
D
Serial data input
Input
Q
Serial data output
Output
S
Chip select
Input
W
Write protect
Input
HOLD
Hold
Input
VCC
Supply voltage
-
VSS
Ground
-
M95128-W M95128-R M95128-DF
Description
DS1356 - Rev 20
page 2/48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com