Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95128-DF Datasheet(PDF) 39 Page - STMicroelectronics

Part # M95128-DF
Description  128-Kbit serial SPI bus EEPROM with high-speed clock
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95128-DF Datasheet(HTML) 39 Page - STMicroelectronics

Back Button M95128-DF Datasheet HTML 35Page - STMicroelectronics M95128-DF Datasheet HTML 36Page - STMicroelectronics M95128-DF Datasheet HTML 37Page - STMicroelectronics M95128-DF Datasheet HTML 38Page - STMicroelectronics M95128-DF Datasheet HTML 39Page - STMicroelectronics M95128-DF Datasheet HTML 40Page - STMicroelectronics M95128-DF Datasheet HTML 41Page - STMicroelectronics M95128-DF Datasheet HTML 42Page - STMicroelectronics M95128-DF Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
10.4
WLCSP8 (CS) package information
WLCSP8 is a 8 bumps, 1.289 x 1.099 mm, 0.4 mm pitch wafer level chip scale package
Figure 29. WLCSP8 - Outline
(4X)
aaa
Wafer back side
D
E
Side view
Detail A
A2
A
e1
e2
e
G
F
Bump side
H
e3
bbb Z
X
Y
Reference
Orientation
Detail A
Rotated 90 °
A1
Bump
Seating plane
Z
eee Z
Z
Z
X
ccc M
Y
Ø
Ø
ddd M
b
1.
Drawing is not to scale
2.
Primary datum Z and seating plane are defined by the spherical crowns of the bump.
3.
Bump position designation per JESD 95-1, SPP-010.
M95128-W M95128-R M95128-DF
WLCSP8 (CS) package information
DS1356 - Rev 20
page 39/48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com