Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95128-DF Datasheet(PDF) 43 Page - STMicroelectronics

Part # M95128-DF
Description  128-Kbit serial SPI bus EEPROM with high-speed clock
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95128-DF Datasheet(HTML) 43 Page - STMicroelectronics

Back Button M95128-DF Datasheet HTML 39Page - STMicroelectronics M95128-DF Datasheet HTML 40Page - STMicroelectronics M95128-DF Datasheet HTML 41Page - STMicroelectronics M95128-DF Datasheet HTML 42Page - STMicroelectronics M95128-DF Datasheet HTML 43Page - STMicroelectronics M95128-DF Datasheet HTML 44Page - STMicroelectronics M95128-DF Datasheet HTML 45Page - STMicroelectronics M95128-DF Datasheet HTML 46Page - STMicroelectronics M95128-DF Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
Date
Revision
Changes
Updated Table 25: Ordering information scheme and added Note: on Engineering samples.
Updated Disclaimer
21
‑Sep‑2015
18
Updated title of Table 8: Operating conditions (M95128-W, device grade 6), Table 19: AC characteristics (M95128-R,
device grade 6) and Table 20: AC characteristics (M95128-DF, device grade 6).
Updated title and footnotes of Table 15: DC characteristics (M95128-W, device grade 6) Table 16: DC
characteristics (M95128-R, device grade 6), Table 17: DC characteristics (M95128-DF, device grade 6) and Table
18: AC characteristics (M95128-W, device grade 6).
Updated footnote 1 of Table 7: Absolute maximum ratings.
Added footnote 4 to Figure 26.
22
‑Feb‑2017
19
Updated Section 6.6.1: Cycling with Error Correction Code (ECC) and Section 10.4: WLCSP package information.
Updated Figure 6: SPI modes supported, Figure 8: Write Enable (WREN) sequence and Figure 9: Write Disable
(WRDI) sequence.
Updated caption of Figure 25: TSSOP8 – 8-lead thin shrink small outline, 3 x 4.4 mm, 0.65 mm pitch, package
outline and of Figure 22: TSSOP8 – 8-lead thin shrink small outline, 3 x 4.4 mm, 0.65 mm pitch, package
mechanical data.
27
‑Oct‑2020
20
Added:
•
Table 2. Signals vs. bump position
•
Figure 24. SO8N - Recommended footprint
•
Figure 26. TSSOP8 – Recommended footprint
Updated:
•
Figure 4. Block diagram
M95128-W M95128-R M95128-DF
DS1356 - Rev 20
page 43/48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com