Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95128-DF Datasheet(PDF) 16 Page - STMicroelectronics

Part # M95128-DF
Description  128-Kbit serial SPI bus EEPROM with high-speed clock
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95128-DF Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M95128-DF Datasheet HTML 12Page - STMicroelectronics M95128-DF Datasheet HTML 13Page - STMicroelectronics M95128-DF Datasheet HTML 14Page - STMicroelectronics M95128-DF Datasheet HTML 15Page - STMicroelectronics M95128-DF Datasheet HTML 16Page - STMicroelectronics M95128-DF Datasheet HTML 17Page - STMicroelectronics M95128-DF Datasheet HTML 18Page - STMicroelectronics M95128-DF Datasheet HTML 19Page - STMicroelectronics M95128-DF Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
The Write Status register (WRSR) instruction enables the user to change the values of the BP1, BP0 and SRWD
bits:
•
The Block protect (BP1, BP0) bits define the size of the area that is to be treated as read-only, as defined in
Table 3. Write-protected block size.
•
The SRWD (Status register Write Disable) bit, in accordance with the signal read on the Write protect pin
(W), enables the user to set or reset the Write protection mode of the Status register itself, as defined in
Table 7. Protection modes. When in Write-protected mode, the Write Status register (WRSR) instruction is
not executed.
The contents of the SRWD and BP1, BP0 bits are updated after the completion of the WRSR instruction,
including the tW Write cycle.
The Write Status register (WRSR) instruction has no effect on the b6, b5, b4, b1, b0 bits in the Status register.
Bits b6, b5, b4 are always read as 0.
Table 7. Protection modes
W signal
SRWD
bit
Mode
Write protection of the Status register
Memory content
Protected
area (1)
Unprotected area(1)
1
0
Software-
protected
(SPM)
Status register is writable (if the WREN
instruction has set the WEL bit).
The values in the BP1 and BP0 bits can be
changed.
Write-
protected
Ready to accept
Write instructions
0
0
1
1
0
1
Hardware-
protected
(HPM)
Status register is Hardware write-protected.
The values in the BP1 and BP0 bits cannot be
changed.
Write-
protected
Ready to accept
Write instructions
1. As defined by the values in the Block protect (BP1, BP0) bits of the Status register. See Table 3. Write-protected block size.
The protection features of the device are summarized in Table 7.
When the Status register Write Disable (SRWD) bit in the Status register is 0 (its initial delivery state), it is
possible to write to the Status register (provided that the WEL bit has previously been set by a WREN instruction),
regardless of the logic level applied on the Write protect (W) input pin.
When the Status register Write Disable (SRWD) bit in the Status register is set to 1, two cases should be
considered, depending on the state of the Write protect (W) input pin:
•
If Write protect (W) is driven high, it is possible to write to the Status register (provided that the WEL bit has
previously been set by a WREN instruction).
•
If Write protect (W) is driven low, it is not possible to write to the Status register even if the WEL bit has
previously been set by a WREN instruction. (Attempts to write to the Status register are rejected, and are not
accepted for execution). As a consequence, all the data bytes in the memory area, which are Software-
protected (SPM) by the Block protect (BP1, BP0) bits in the Status register, are also hardware-protected
against data modification.
Regardless of the order of the two events, the Hardware-protected mode (HPM) can be entered by:
•
either setting the SRWD bit after driving the Write protect (W) input pin low,
•
or driving the Write protect (W) input pin low after setting the SRWD bit.
Once the Hardware-protected mode (HPM) has been entered, the only way of exiting it is to pull high the Write
protect (W) input pin.
If the Write protect (W) input pin is permanently tied high, the Hardware-protected mode (HPM) can never be
activated, and only the Software-protected mode (SPM), using the Block protect (BP1, BP0) bits in the Status
register, can be used.
M95128-W M95128-R M95128-DF
Write Status register (WRSR)
DS1356 - Rev 20
page 16/48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com