Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

768-141-R100-ND Datasheet(PDF) 3 Page - CTS Corporation

Part # 768-141-R100-ND
Description  Surface Mount Resistor Network
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

768-141-R100-ND Datasheet(HTML) 3 Page - CTS Corporation

  768-141-R100-ND Datasheet HTML 1Page - CTS Corporation 768-141-R100-ND Datasheet HTML 2Page - CTS Corporation 768-141-R100-ND Datasheet HTML 3Page - CTS Corporation 768-141-R100-ND Datasheet HTML 4Page - CTS Corporation 768-141-R100-ND Datasheet HTML 5Page - CTS Corporation 768-141-R100-ND Datasheet HTML 6Page - CTS Corporation 768-141-R100-ND Datasheet HTML 7Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
©2017 CTS® Corporation. Information/product(s) subject to change. No warranty that product(s) will meet the stated specifications for customer specific applications or test
equipment. Visit www.ctscorp.com for list of applicable patent(s), more information, or to request a quote.
768 Series
Surface Mount Resistor Network
DOC# 008-0350-0 Rev. F
Page 3 of 7
Electrical & Environmental Specifications
Circuit Types
Bussed [Schematic 1]
Isolated [Schematic 3]
Dual Terminator [Schematic 5]
R/2R Ladder [Schematic 7]
Note: Pin N is common to R1 and Pin N/2 common to R2.
Environmental Parameters
Thermal Cycle
0.25
107 Condition B
5 cycles -65°C to +125°C
Short Time Overload
0.25
2½ times rated working voltage for 5 seconds [100V maximum]
Moisture Resistance
0.50
106
240 hours, 0.1 rated load, -10°C to +65°C, 90% RH
Load Humidity
1.00
1,000 hours, 0.1 rated load, +70°C, 85% - 92% RH
High Temperture Exposure
1.00
240 hours @ +125°C, no load
Load Life
1.00
108 Condition F
2,000 hours @ +70°C, rated load
Resistance to Solder Heat
0.25
30 seconds @ +218°C, dwell
Mechanical Shock
0.25
213 Condition I
100g, 1m second, 3 shocks each plane
Vibration
0.25
204 Condition D
20g, 10Hz - 2,000Hz, 4 houes per plane
Terminal Strength
0.25
0.9kg pull, 30 seconds; two 45° bends
Low Temperature Storage
0.25
24 hours @ -65°C, no load
Low Temperature Operation
0.25
45 minutes @ -65°C, full load
Flammability
N/A
94V-0
Non-Fungus
Pass
---
MIL-STD-810C
Resistance to Solvents
Pass
Isopropyl alcohol, Freon TMC
Solderability
Pass
RMA Flux, +230°C, 5 seconds dip, 95% coverage
Test Description
Test
Maximum
Delta R [%]
MIL-STD-202
Method



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com