Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

768-141-R100-ND Datasheet(PDF) 5 Page - CTS Corporation

Part # 768-141-R100-ND
Description  Surface Mount Resistor Network
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

768-141-R100-ND Datasheet(HTML) 5 Page - CTS Corporation

  768-141-R100-ND Datasheet HTML 1Page - CTS Corporation 768-141-R100-ND Datasheet HTML 2Page - CTS Corporation 768-141-R100-ND Datasheet HTML 3Page - CTS Corporation 768-141-R100-ND Datasheet HTML 4Page - CTS Corporation 768-141-R100-ND Datasheet HTML 5Page - CTS Corporation 768-141-R100-ND Datasheet HTML 6Page - CTS Corporation 768-141-R100-ND Datasheet HTML 7Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
©2017 CTS® Corporation. Information/product(s) subject to change. No warranty that product(s) will meet the stated specifications for customer specific applications or test
equipment. Visit www.ctscorp.com for list of applicable patent(s), more information, or to request a quote.
768 Series
Surface Mount Resistor Network
DOC# 008-0350-0 Rev. F
Page 5 of 7
Packaging
Tape and Reel Information
Plastic Tube
Reel Diameter
330mm [13"]
14 Pin
Package
16 Pin
Package
20 Pin
Package
Parts Per Reel
2,000
2,000
2,000
Pitch
12mm
12mm
12mm
Carrier Width
24mm
24mm
24mm
Material
Plastic
Plastic
Plastic
1. See Ordering Information for packaging code indicator.
Slide Pack
14 Pin
Package
16 Pin
Package
20 Pin
Package
Tube Length
508mm
508mm
508mm
Parts Per Tube
48
43
35



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com