Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

768-141-R100-ND Datasheet(PDF) 1 Page - CTS Corporation

Part # 768-141-R100-ND
Description  Surface Mount Resistor Network
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

768-141-R100-ND Datasheet(HTML) 1 Page - CTS Corporation

  768-141-R100-ND Datasheet HTML 1Page - CTS Corporation 768-141-R100-ND Datasheet HTML 2Page - CTS Corporation 768-141-R100-ND Datasheet HTML 3Page - CTS Corporation 768-141-R100-ND Datasheet HTML 4Page - CTS Corporation 768-141-R100-ND Datasheet HTML 5Page - CTS Corporation 768-141-R100-ND Datasheet HTML 6Page - CTS Corporation 768-141-R100-ND Datasheet HTML 7Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
©2017 CTS® Corporation. Information/product(s) subject to change. No warranty that product(s) will meet the stated specifications for customer specific applications or test
equipment. Visit www.ctscorp.com for list of applicable patent(s), more information, or to request a quote.
DOC# 008-0350-0 Rev. F
Page 1 of 7
768 Series
Surface Mount Resistor Network
Features
Surface Mount Gull Wing Package
Solid Ceramic Construction
Low Profile, Board to Network Clearance –
0.191mm ±0.064mm
No Internal Dendrite Growth
Meets EIA PDP 100 SOGN-0002 Outline
Requires 30% Less Board Space Than Molded
Products of the Same Power Rating
Tape and Reel Packaging or Slide Pack
Applications
Telecom Infrastructure
Optical Networking
Wireless Networks
Edge Routers
Internet/Network Security
Storage Area Networks
Network Attached Storage
Switches
RAID Controllers
Description
768 Series Resistor Networks are single packaged devices containing an array of homogeneous resistor elements.
CTS network designs provide a smaller circuit footprint, excellent reliability, improved TCR tracking and resistor
tolerance matching; while helping to save placement costs by reducing application component count.
Ordering Information
Model
768
Code
Code
Code
Code
14
103
P
Blank
16
TR13
20
Code
1
Code
Code
Code
3
G
Blank
F
5
F
D
7
D
J
Notes:
1.
2.
Tape & Reel, 13"
16 Pins
Bussed Circuit
Isolated Circuit
Schematic Types 1 & 3
Schematic Type 5
Schematic Type
Tolerance
Tolerance
Schematic Type 7
Tolerance
±1 LSB
* See Addendum for
Standard EIA Values
20 Pins
This product is specified for use only in standard commercial applications. Supplier disclaims all express and implied warranties and liability in connection with any use of this
product in any non-commercial applications or in any application that may expose the product to conditions that are outside of the tolerances provided in its specification.
±5% 2
±2% [std]
±1%
±0.5%
±2%
No dashes or spaces to appear in part number.
Not all perform ance com binations and resistor values m ay be available.
Contact your local CTS Representative or CTS Custom er Service for availability.
[LSB = Least Significant Bit]
±0.5 LSB
Dual Terminator Circuit
Ladder Circuit
Not supported per PCN ECP-3200029. Use code "G" as standard platform tolerance.
Slide Pack
RoHS
Com pliant
103
G
P
Packaging
Resistor
Tolerance
RoHS
TR13
Resistor Value *
Compliance
Packing
Pin Count
Num ber
of Pins
Schem atic
10k ohm
14 Pins
Resistor
Code
16
3
RoHS Compliant in Accordance with EU Directive 2011/65/EU
- Lead-Free Termination Finish
- Exemption 7(c)-I, Electrical and electronic components containing
lead [Pb] in glass
Part Weight:
14 Pin • 242.10mg
16 Pin • 276.70mg
20 Pin • 345.90mg


Similar Part No. - 768-141-R100-ND

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
768-100-119 FOX-768-100-119 Datasheet
37Kb / 1P
HCMOS, CERAMIC, SMD, OSCILLATOR
Date: 01/15/2008
logo
Texas Instruments
768-1025-1-ND TI-768-1025-1-ND Datasheet
1Mb / 30P
LAUNCHXL-F28379D Overview
2016-2019
logo
Fox Electronics
768-125-73 FOX-768-125-73 Datasheet
37Kb / 1P
HCMOS, CERAMIC, SMD, OSCILLATOR
Date: 01/15/2008
768-156.25-16 FOX-768-156.25-16 Datasheet
37Kb / 1P
HCMOS, CERAMIC, SMD, OSCILLATOR
Date: 01/15/2008
More results

Similar Description - 768-141-R100-ND

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
GUB-GM7A-01-2001-J IRCTT-GUB-GM7A-01-2001-J Datasheet
516Kb / 3P
TaNFilm Small Outline Surface Mount Resistor Network
logo
Dubilier
RN164102J DUBILIER-RN164102J Datasheet
114Kb / 1P
SURFACE MOUNT THICK FILM RESISTOR NETWORK RN16
logo
CTS Corporation
766141103GP CTS-766141103GP Datasheet
99Kb / 4P
Surface Mount Resistor Network
766145191A CTS-766145191A Datasheet
99Kb / 4P
Surface Mount Resistor Network
766161103G CTS-766161103G Datasheet
99Kb / 4P
Surface Mount Resistor Network
766161332GPTR7 CTS-766161332GPTR7 Datasheet
99Kb / 4P
Surface Mount Resistor Network
766163271G CTS-766163271G Datasheet
99Kb / 4P
Surface Mount Resistor Network
logo
Dubilier
RN164102J DUBILIER-RN164102J_11 Datasheet
184Kb / 1P
SURFACE MOUNT THICK FILM RESISTOR NETWORK RN16
logo
CTS Corporation
767161103G CTS-767161103G Datasheet
93Kb / 4P
Series 767 Surface Mount Resistor Network
767163203GP CTS-767163203GP Datasheet
93Kb / 4P
Surface Mount Resistor Network
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com