Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

768-141-R100-ND Datasheet(PDF) 4 Page - CTS Corporation

Part # 768-141-R100-ND
Description  Surface Mount Resistor Network
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

768-141-R100-ND Datasheet(HTML) 4 Page - CTS Corporation

  768-141-R100-ND Datasheet HTML 1Page - CTS Corporation 768-141-R100-ND Datasheet HTML 2Page - CTS Corporation 768-141-R100-ND Datasheet HTML 3Page - CTS Corporation 768-141-R100-ND Datasheet HTML 4Page - CTS Corporation 768-141-R100-ND Datasheet HTML 5Page - CTS Corporation 768-141-R100-ND Datasheet HTML 6Page - CTS Corporation 768-141-R100-ND Datasheet HTML 7Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
©2017 CTS® Corporation. Information/product(s) subject to change. No warranty that product(s) will meet the stated specifications for customer specific applications or test
equipment. Visit www.ctscorp.com for list of applicable patent(s), more information, or to request a quote.
768 Series
Surface Mount Resistor Network
DOC# 008-0350-0 Rev. F
Page 4 of 7
Mechanical Specifications
Package Drawing
Marking Information
Notes
Recommended Solder Pad Layout
mm
inch
14 Pin
9.91 ±0.25
0.390 ±0.010
16 Pin
11.18 ±0.25
0.440 ±0.010
20 Pin
13.70 ±0.25
0.540 ±0.010
Package
"A" Dimension
A
B
C
D
mm
5.34
7.37
9.40
7.60
inch
0.21
0.29
0.37
0.30
mm
5.34
7.37
9.40
8.90
inch
0.21
0.29
0.37
0.35
mm
5.34
7.37
9.40
11.40
inch
0.21
0.29
0.37
0.45
Dimensions
14 Pin
16 Pin
Package
20 Pin
1. Lead Co-Planarity - 0.10mm maximum [0.004in.].
2. General Tolerances - ±0.25mm [±0.010in.].
3. Lead termination (e1). Barrier plating is nickel [Ni] with tin/silver/copper [Sn Ag Cu] finish.
4. Reflow conditions per JEDEC-J-STD-020; +260°C maximum, 30 seconds.
C
A
B
D
2.03
.080
1.27
.050
0.63
.025
TYP.
TYP.
TYP.
1. 768 – Product Series.
2. zz – Pin count, 14, 16 or 20.
3. S – Schematic type, 1, 3, 5 or 7.
4. xxxx – Resistance value code, 3 or 4 digits.
5. T – Resistor tolerance code; G, F or D. Leave blank for Schematic Code 5.
6. P – RoHS compliant.
7.
– Pin 1 identifier.
8. CTS – Manufacturer.
9. YYWW – Date Code: YY – year, WW – week.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com