Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

768-141-R100-ND Datasheet(PDF) 7 Page - CTS Corporation

Part # 768-141-R100-ND
Description  Surface Mount Resistor Network
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

768-141-R100-ND Datasheet(HTML) 7 Page - CTS Corporation

  768-141-R100-ND Datasheet HTML 1Page - CTS Corporation 768-141-R100-ND Datasheet HTML 2Page - CTS Corporation 768-141-R100-ND Datasheet HTML 3Page - CTS Corporation 768-141-R100-ND Datasheet HTML 4Page - CTS Corporation 768-141-R100-ND Datasheet HTML 5Page - CTS Corporation 768-141-R100-ND Datasheet HTML 6Page - CTS Corporation 768-141-R100-ND Datasheet HTML 7Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
©2017 CTS® Corporation. Information/product(s) subject to change. No warranty that product(s) will meet the stated specifications for customer specific applications or test
equipment. Visit www.ctscorp.com for list of applicable patent(s), more information, or to request a quote.
768 Series
Surface Mount Resistor Network
DOC# 008-0350-0 Rev. F
Page 7 of 7
Addendum
Dual Terminator Resistor Values [Schematic 5 - 4-Digit Resistor Code]
The 766 Series part number includes the EIA Code value of the Thevenin equivalent resistances of R1 and R2.
The Thevenin equivalent resistance is calculated using the following formula; REQ = R1*R2/(R1 + R2).
R1
[ohms]
R2
[ohms]
Thevenin
Equivalent
[ohms]
CTS
Resistor
Code
R1
[ohms]
R2
[ohms]
Thevenin
Equivalent
[ohms]
CTS
Resistor
Code
R1
[ohms]
R2
[ohms]
Thevenin
Equivalent
[ohms]
CTS
Resistor
Code
R1
[ohms]
R2
[ohms]
Thevenin
Equivalent
[ohms]
CTS
Resistor
Code
22
50
15
150A
118
178
71
710A
240
620
173
171C
680
1,500
468
471A
25
50
17
170A
120
120
60
600B
250
250
125
131B
715
240
180
181B
30
50
19
190A
120
150
67
670C
260
162
100
101G
750
750
375
381A
30
620
29
290A
120
180
72
720A
270
130
88
880B
750
2,300
566
571A
33
680
31
310A
120
200
75
750B
270
180
108
111C
780
390
260
261A
33
4,700
33
330A
120
220
78
780B
270
270
135
141A
820
560
333
331B
36
620
34
340A
121
195
75
750C
270
470
171
171A
1,000
1,000
500
501A
38
125
29
290B
122
253
82
820A
271
131
88
880A
1,000
1,500
600
601B
43
620
40
400A
130
210
80
800A
330
220
132
131D
1,000
2,000
667
671A
47
68
28
280A
133
154
71
710B
330
330
165
171B
1,000
2,200
688
691A
47
270
40
400B
150
150
75
750A
330
390
179
181A
1,000
3,300
767
771A
65
90
38
380A
150
180
82
820B
330
470
194
191A
1,100
820
470
471B
68
189
50
500B
150
1,000
130
131E
330
680
222
221A
1,100
2,200
733
731A
75
620
67
670A
160
240
96
960A
330
3,900
304
301A
1,200
1,200
600
601A
80
220
59
590A
160
260
99
990A
360
390
187
191B
1,500
1,500
750
751A
81
130
50
500A
160
270
100
101D
360
600
225
231A
1,500
3,300
1,031
102A
81
220
59
600C
160
440
117
121D
360
720
240
241B
2,000
1,000
667
671B
81
330
65
650B
162
260
100
101B
390
620
239
241A
2,000
2,000
1,000
102B
81
2,200
78
780A
180
220
99
101A
400
200
133
131F
2,200
3,300
1,320
132A
82
120
49
490A
180
240
103
101F
400
600
240
241C
2,200
4,400
1,467
152A
82
130
50
500D
180
270
108
111A
470
330
194
191C
2,200
5,600
1,579
162A
83
128
50
500C
180
300
113
111B
470
680
278
281C
3,000
2,000
1,200
122A
95
156
59
590B
180
390
123
121A
470
940
313
311A
3,000
6,200
2,022
202A
100
75
43
430A
180
470
130
131C
470
1,000
320
321A
3,300
4,700
1,939
192A
100
82
45
450A
182
245
104
101E
500
500
250
251A
3,900
3,300
1,788
182A
100
100
50
500E
200
100
67
670D
510
760
305
311B
4,400
2,200
1,467
152B
100
150
60
600A
200
270
115
121C
560
390
230
231B
4,700
4,700
2,350
242A
100
175
64
640A
200
1,500
176
171D
560
820
333
331A
4,700
22,000
3,873
392A
100
200
67
670B
220
220
110
111D
560
910
347
351A
5,000
5,000
2,500
252A
100
220
69
690A
220
270
121
121B
560
1,000
359
361A
6,800
22,000
5,194
522A
100
430
81
810A
220
330
132
131A
620
820
353
351B
10,000 20,000
6,667
672A
106
169
65
650A
220
470
150
151A
620
910
369
371A
10,000 51,000
8,361
842A
110
91
50
500F
220
1,800
196
201A
660
990
396
401B
50,000 100,000
33,333
333A
110
220
73
730A
240
170
100
101C
680
1,000
405
401A
360,000 390,000
187,200
194A
1. Resistor tolerances are ±2%.
2. Suffix letter in CTS Code has no significance, assigned in sequential order.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com