Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHFL4913KP331 Datasheet(PDF) 5 Page - STMicroelectronics

Part # RHFL4913KP331
Description  Rad-hard positive fixed voltage regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL4913KP331 Datasheet(HTML) 5 Page - STMicroelectronics

  RHFL4913KP331 Datasheet HTML 1Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 2Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 3Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 4Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 5Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 6Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 7Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 8Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
4
Electrical characteristics
TJ = 25 °C, VI = VO + 2.5 V, CI = CO = 1 µF, unless otherwise specified.
Table 4. Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ. Max.
Unit
VI
Operating input voltage
IO = 2 A (FLAT-16P) or 3 A (SMD.5 and TO-257)
12
V
VO
Output voltage accuracy
VI = VO + 2.5 V, IO = 5 mA
-2
2
%
ISHORT
Output current limit (1)
Adjustable by mask/external resistor
4.5
A
VO
Operating output voltage
IO = 2 A, 2.5 V output voltage
2.45
2.55
V
IO = 2 A, 3.3 V output voltage
3.23
3.37
IO = 2 A, 5.0 V output voltage
4.9
5.1
∆VO/∆vI Line regulation
VI = VO+2.5 V to 12 V, IO = 5 mA (+25 °C)
0.3
%
VI = VO+2.5 V to 12 V, IO = 5 mA (-55 °C)
0.4
VI = VO+2.5 V to 12 V, IO = 5 mA (+125 °C)
0.4
∆VO/∆vO Load regulation
VI = VO+2.5 V, IO = 5 mA to 400 mA (+25 °C)
0.2
%
VI = VO+2.5 V, IO = 5 mA to 400 mA (-55 °C)
0.3
VI = VO+2.5 V, IO = 5 mA to 400 mA (+125 °C)
0.3
VI = VO+2.5 V, IO = 5 mA to 1 A (+25 °C)
0.3
VI = VO+2.5 V, IO = 5 mA to 1 A (-55 °C)
0.4
VI = VO+2.5 V, IO = 5 mA to 1 A (125 °C)
0.4
ZOUT
Output impedance
IO = 100 mA DC and 20 mA rms
100
mΩ
Iq
Quiescent current
VI = VO + 2.5 V,
IO = 30 mA,
ON mode (+25 °C)
8
mA
VI = VO + 2.5 V,
IO = 300 mA,
ON mode
25
VI = VO + 2.5 V,
IO = 1 mA,
ON mode
60
VI = VO + 2.5 V,
IO = 3 A,
ON mode (only for SMD.5 and TO-257)
150
VI = VO+2 V, VINH = 2.4 V, off mode
1
Iq
Quiescent current
VI = VO + 2.5 V,
IO = 1 mA, (TJ = +125 °C, on mode)
40
mA
VI = VO + 2.5 V,
IO = 1 A, (TJ =-55 °C, on mode)
100
RHFL4913XX25, RHFL4913XX33, RHFL4913XX50
Electrical characteristics
DS3260 - Rev 15
page 5/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com