Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHFL4913KP331 Datasheet(PDF) 16 Page - STMicroelectronics

Part # RHFL4913KP331
Description  Rad-hard positive fixed voltage regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL4913KP331 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button RHFL4913KP331 Datasheet HTML 12Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 13Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 14Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 15Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 16Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 17Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 18Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 19Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Revision history
Table 11. Document revision history
Date
Revision
Changes
05-Oct-2004
4
Mistake in pin description SMD.5 on table 3.
28-Oct-2004
5
New order codes added - tables 4 and 5.
27-May-2005
6
The features, tables 4, 5 and the figures 1, 2 updated.
08-Jun-2005
7
Modified: PD on table 1, the RthJC for TO-257 on table 2 and the
tables 6 and 7, added DIE information
26-Aug-2008
8
Added new output 1.5 V, modified: Table 4 on page 6, Table 5 on
page 16 and Table 6 on page 17.
02-Oct-2008
9
Modified: Features on page 1, Application information on page 10
and SMD.5 mechanical data on page 14.
20-Nov-2009
10
Modified: Table 5 on page 16.
19-Oct-2010
11
Modified: Section 7 on page 11.
08-Feb-2011
12
Added: note Table 1 on page 4.
07-Dec-2011
13
Removed the note under Table 1 on page 4 and added footnotes
1 and 2.
02-May-2019
14
Updated the description.
10-Feb-2021
15
Updated cover image, Section Features, Section Description,
Section 7 Notes about FLAT-16P package, Section 8.2 SMD.5
package information.
Minor text changes.
RHFL4913XX25, RHFL4913XX33, RHFL4913XX50
DS3260 - Rev 15
page 16/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com