Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHFL4913KP331 Datasheet(PDF) 7 Page - STMicroelectronics

Part # RHFL4913KP331
Description  Rad-hard positive fixed voltage regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL4913KP331 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button RHFL4913KP331 Datasheet HTML 3Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 4Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 5Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 6Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 7Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 8Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 9Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 10Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
5
Device description
The RHFL4913 fixed voltage contains a PNP type power element controlled by a signal resulting from amplified
comparison between the internal temperature compensated band-gap cell and the fraction of the desired
output voltage value. This fractional value is obtained from an internal-to-die resistor divider bridge set by
STMicroelectronics. The device is protected by several functional blocks.
5.1
Low pin count package limitations
Some functions (INHIBIT, OCM, SENSE) are not available due to lack of pins. Corresponding die pads are by
default connected inside silicon.
5.2
SENSE pin
The load voltage is applied by a Kelvin line connected to SENSE pin: Voltage feedback comes from the internal
divider resistor bridge. Therefore possible output voltages are set by manufacturer mask metal options. SENSE
pin is not available in 3-pin packages.
5.3
Inhibit ON-OFF control
By setting the INHIBIT pin TTL high, the device switches off the output current and voltage. The device is ON
when the INHIBIT pin is set low. Since the INHIBIT pin is pulled down internally, it can be left floating in cases
where the inhibit function is not used. INHIBIT pin is not available in 3-pin packages.
5.4
Overtemperature protection
A temperature detector internally monitors the power element junction temperature. The device turns off when
a temperature of approximately 175 °C is reached, returning to ON mode when back to approximately 40 °C. It
should be noted that when the internal temperature detector reaches 175 °C, the active power element can be at
225 °C: the device reliability cannot be guaranteed in case of extensive operation under these conditions.
5.5
Overcurrent protection
ISC pin. An internal non-fold back short-circuit limitation is set with ISHORT > 3.8 A (VO is 0 V). This value can be
reduced by an external resistor connected between ISC pin and VI pin,with a typical value range of 25 kΩ to 200
kΩ. This adjustment feature is not available in 3-pin packages. To keep excellent VO regulation, it is necessary to
set ISHORT 1.6 times greater than the maximum desired application IO. When IO reaches ISHORT – 300 mA, the
current limiter overrules regulation and VO starts to drop and the OCM flag is risen. When no current limitation
adjustment is required, ISC pin must be left unbiased (as it is in 3 pin-packages).
5.6
OCM pin
The OCM pin goes low when the current limit becomes active, otherwise VOCM = VI. It is buffered and can sink 10
mA. The OCM pin is internally pulled up by a 5 kΩ resistor. Not available in 3-pin packages.
5.7
Alternate to
The RHFL4913 fixed (and custom) voltages replace all 3-terminal industry devices, providing essential benefits
•
Lower dropout
•
High radiation performance
•
Better SVR
•
Saving the high stability external setting resistors
RHFL4913XX25, RHFL4913XX33, RHFL4913XX50
Device description
DS3260 - Rev 15
page 7/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com