Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHFL4913KP331 Datasheet(PDF) 8 Page - STMicroelectronics

Part # RHFL4913KP331
Description  Rad-hard positive fixed voltage regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL4913KP331 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button RHFL4913KP331 Datasheet HTML 4Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 5Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 6Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 7Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 8Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 9Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 10Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 11Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
6
Application information
The RHFL4913 fixed voltage is functional as soon as VI-VO voltage difference is slightly above the power element
saturation voltage. A minimum 0.5 mA IO ensures perfect “no-load” regulation.
All available VI pins must always be externally interconnected, same thing for all available VO pins, otherwise
device stability and reliability cannot be granted. All NC pins can be connected to ground. The INHIBIT function
switches off the output current in an electronic way, that is very quickly. According to Lenz’s law, external circuitry
reacts with –LdI/dt terms which can be of high amplitude in case some series-inductance exists. The effect
would be a large transient voltage developed on both device terminals. It is necessary to protect the device with
Schottky diodes preventing negative voltage excursions. In the worst case, a 14 V Zener diode shall protect the
device input.
The device has been designed for high stability and low dropout operation: minimum 1 μF input and output
tantalum capacitors are therefore mandatory. Capacitor ESR range is from 0.01 Ω to over 20 Ω. Such range turns
out to be useful when ESR increases at low temperature. When large transient currents are expected, larger
value capacitors are necessary.
In case of high current operation with expected short-circuit events, caution must be considered relatively to
capacitors. They must be connected as close as possible to device terminals. As some tantalum capacitors may
permanently fail when submitted to high charge-up surge currents, it is recommended to decouple them with 470
nF polyester capacitors.
Being the RHFL4913 fixed voltage manufactured with very high speed bipolar technology 6 GHz fT transistors),
the PCB lay-out must be performed with extreme care, very low inductance, low mutually coupling lines,
otherwise high frequency parasitic signals may be picked-up by the device resulting into self-oscillation. User’s
benefit is a SVR performance extended to far
higher frequencies.
6.1
Remote sensing operation
In case the load is located far from the regulator, it is recommended to comply with the scheme below. To obtain
the best regulation, it is in addition essential to care about:
•
The wire connecting R2 to the load end must not be crossed by the load current (Kelvin sense)
The noise captured by the wires between the load and the chip could bring a noisy output voltage. In case this
happens, it is recommended that shielded cables are used for these connections. The external wrap must be
used for connecting the ground of the chip with the load ground. It is also recommended to place 1 μF tantalum
capacitors between output and ground close to the device and another next to the load.
RHFL4913XX25, RHFL4913XX33, RHFL4913XX50
Application information
DS3260 - Rev 15
page 8/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com