Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHFL4913KP331 Datasheet(PDF) 14 Page - STMicroelectronics

Part # RHFL4913KP331
Description  Rad-hard positive fixed voltage regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL4913KP331 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button RHFL4913KP331 Datasheet HTML 10Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 11Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 12Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 13Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 14Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 15Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 16Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 17Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
9
Ordering information
Table 8. Order codes
Die
FLAT-16P
SMD.5
TO-257
Terminal finish
VOUT
Quantity level
RHFL4913KP25-01V
RHFL4913S25-03V
RHFL4913ESY2505V
Gold
2.5 V
QML-V
RHFL4913KP25-02V
RHFL4913S25-04V
RHFL4913ESY2506V
Solder
2.5 V
QML-V
RHFL4913KP251
RHFL4913S251
RHFL4913ESY251
Gold
2.5 V
EM1
RHFL4913KP252
RHFL4913S252
RHFL4913ESY252
Gold
2.5 V
EM1=EM 2+48h B.I.
L491325DIE2V
Flight model
NA
2.5 V
QML-V
L491325DIE2S
NA
2.5 V
EM1
RHFL4913KP33-01V
RHFL4913S33-03V
RHFL4913ESY3305V
Gold
3.3 V
QML-V
RHFL4913KP33-02V
RHFL4913S33-04V
RHFL4913ESY3306V
Solder
3.3 V
QML-V
RHFL4913KP331
RHFL4913S331
RHFL4913ESY331
Gold
3.3 V
EM1
RHFL4913KP332
RHFL4913S332
RHFL4913ESY332
Gold
3.3 V
EM1=EM 2+48h B.I.
L491333DIE2V
NA
3.3 V
QML-V
L491333DIE2S
NA
3.3 V
EM1
RHFL4913KP50-01V
RHFL4913S50-03V
RHFL4913ESY5005V
Gold
5.0 V
QML-V
RHFL4913KP50-02V
RHFL4913S50-04V
RHFL4913ESY5006V
Solder
5.0 V
QML-V
RHFL4913KP501
RHFL4913S501
RHFL4913ESY501
Gold
5.0 V
EM1
RHFL4913KP502
RHFL4913S502
RHFL4913ESY502
Gold
5.0 V
EM1=EM 2+48h B.I.
L491350DIE2V
NA
5.0 V
QML-V
L491350DIE2S
NA
5.0 V
EM1
Table 9. ST part number-SMD equivalent part number
ST part number
SMD part number
RHFL4913KP25-01V
5962F0253401VXC
RHFL4913KP25-02V
5962F0253401VXA
RHFL4913KP33-01V
5962F0253501VXC
RHFL4913KP33-02V
5962F0253501VXA
RHFL4913KP50-01V
5962F0253601VXC
RHFL4913KP50-02V
5962F0253601VXA
RHFL4913S25-03V
5962F0253402VYC
RHFL4913S25-04V
5962F0253402VYA
RHFL4913S33-03V
5962F0253502VYC
RHFL4913S33-04V
5962F0253502VYA
RHFL4913S50-03V
5962F0253602VYC
RHFL4913S50-04V
5962F0253602VYA
RHFL4913ESY2505V
5962F0253402VZC
RHFL4913ESY2506V
5962F0253402VZA
RHFL4913ESY3305V
5962F0253502VZC
RHFL4913ESY3306V
5962F0253502VZA
RHFL4913XX25, RHFL4913XX33, RHFL4913XX50
Ordering information
DS3260 - Rev 15
page 14/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com