Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP-07124 Datasheet(PDF) 2 Page - TRACO Electronic AG

Part # TMP-07124
Description  TMP & TMPM Series, 4 to 60 Watt
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TMP-07124 Datasheet(HTML) 2 Page - TRACO Electronic AG

  TMP-07124 Datasheet HTML 1Page - TRACO Electronic AG TMP-07124 Datasheet HTML 2Page - TRACO Electronic AG TMP-07124 Datasheet HTML 3Page - TRACO Electronic AG TMP-07124 Datasheet HTML 4Page - TRACO Electronic AG TMP-07124 Datasheet HTML 5Page - TRACO Electronic AG TMP-07124 Datasheet HTML 6Page - TRACO Electronic AG TMP-07124 Datasheet HTML 7Page - TRACO Electronic AG TMP-07124 Datasheet HTML 8Page - TRACO Electronic AG TMP-07124 Datasheet HTML 9Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.tracopower.com
AC/DC Power Modules
TMP & TMPM Series
4 to 60 Watt
Page 2 of 9
Order code
Output power max.
Output
Efficiency
PCB-mount with solder pins
Chassis mount, screw terminal
typ.
TMP 15105
TMP 15105C
5 VDC / 3000 mA
75 %
TMP 15112
TMP 15112C
12 VDC / 1250 mA
79 %
TMP 15115
TMP 15115C
15 W
15 VDC / 1000 mA
79 %
TMP 15124
TMP 15124C
24 VDC / 625 mA
79 %
TMP 15148
TMP 15148C
48 VDC / 310 mA
79 %
TMP 30105
TMP 30105C
5 VDC / 6000 mA
78 %
TMP 30112
TMP 30112C
12 VDC / 2500 mA
80 %
TMP 30115
TMP 30115C
30 W
15 VDC / 2000 mA
80 %
TMP 30124
TMP 30124C
24 VDC / 1250 mA
80 %
TMP 30148
TMP 30148C
48 VDC / 625 mA
80 %
TMP 60105
TMP 60105C
51 W
5.1 VDC / 10‘000 mA
79 %
TMP 60112
TMP 60112C
12 VDC / 5000 mA
82 %
TMP 60115
TMP 60115C
15 VDC / 4000 mA
83 %
TMP 60124
TMP 60124C
60 W
24 VDC / 2500 mA
84 %
TMP 60136
TMP 60136C
36 VDC / 1665 mA
84 %
TMP 60148
TMP 60148C
48 VDC / 1250 mA
84 %
Single Output Models 15 to 60 Watt
Peak current can exceed specified value by
Order code
Output
Output 1
Output 2
Output 3
Eff.
PCB-mount
Chassis mount
power
typ.
Models with common ground
TMPM 04212
+12 VDC / 166 mA
–12 VDC / 166 mA
77 %
TMPM 04215
4 W
+15 VDC / 133 mA
–15 VDC / 133 mA
77 %
TMPM 04253
+5.0 VDC / 600 mA
+3.3 VDC / 150 mA
72 %
TMPM 04225
+12 VDC / 250 mA
+5.0 VDC / 120 mA
75 %
TMP 10212
10 W
+12 VDC / 380 mA
–12 VDC / 380 mA
77 %
TMP 10215
+15 VDC / 300 mA
–15 VDC / 300 mA
77 %
TMP 15212
TMP 15212C
15 W
+12 VDC / 650 mA
–12 VDC / 650 mA
79 %
TMP 15215
TMP 15215C
+15 VDC / 500 mA
–15 VDC / 500 mA
79 %
TMP 30212
TMP 30212C
30 W
+12 VDC / 1300 mA
–12 VDC / 1300 mA
80 %
TMP 30215
TMP 30215C
+15 VDC / 1000 mA
–15 VDC / 1000 mA
80 %
TMP 15252
TMP 15252C
5.0 VDC / 1500 mA
12 VDC / 625 mA
72 %
TMP 15512
TMP 15512C
15 W
5.0 VDC / 2000 mA
+12 VDC / 200 mA
–12 VDC / 200 mA
74 %
TMP 15515
TMP 15515C
5.0 VDC / 2000 mA
+15 VDC / 150 mA
–15 VDC / 150 mA
74 %
Models with output 1 isolated from output 2/3 (floating)
TMP 30252
TMP 30252C
5.0 VDC / 3000 mA2)
12 VDC /1250 mA2)
76 %
TMP 30512
TMP 30512C
5.0 VDC / 3000 mA2)
+12 VDC / 600 mA2)
–12 VDC / 600 mA2)
76 %
TMP 30515
TMP 30515C
30 W
5.0 VDC / 3000 mA2)
+15 VDC / 500 mA2)
–15 VDC / 500 mA2)
76 %
TMP 30522
TMP 30522C
5.0 VDC / 3000 mA2)
+12 VDC / 1000 mA2)
–12 VDC / 250 mA3)
76 %
TMP 30316
TMP 30316C
3.3 VDC / 4000 mA1)
+5.0 VDC / 1500 mA1)
+12 VDC / 250 mA3)
71 %
TMP 30317
TMP 30317C
5.0 VDC / 4500 mA1)
+3.3 VDC / 1000 mA2)
+12 VDC / 250 mA3)
71 %
Multi Output Models 4 to 30 Watt
but total output power must not exceed 30 W.
1) 133 %
2) 150 %
3) 200 %



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com