Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP-07124 Datasheet(PDF) 6 Page - TRACO Electronic AG

Part # TMP-07124
Description  TMP & TMPM Series, 4 to 60 Watt
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TMP-07124 Datasheet(HTML) 6 Page - TRACO Electronic AG

  TMP-07124 Datasheet HTML 1Page - TRACO Electronic AG TMP-07124 Datasheet HTML 2Page - TRACO Electronic AG TMP-07124 Datasheet HTML 3Page - TRACO Electronic AG TMP-07124 Datasheet HTML 4Page - TRACO Electronic AG TMP-07124 Datasheet HTML 5Page - TRACO Electronic AG TMP-07124 Datasheet HTML 6Page - TRACO Electronic AG TMP-07124 Datasheet HTML 7Page - TRACO Electronic AG TMP-07124 Datasheet HTML 8Page - TRACO Electronic AG TMP-07124 Datasheet HTML 9Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.tracopower.com
Page 6 of 9
Outline Dimensions
TMP 15 models for PCB mount:
TMP 15 models for chassis mount:
Dimensions in [mm], ( ) = Inches
Case tolerances: ±0.5 (±0.02)
Pin pich tolerance: ±0.25 (±0.01)
Mounting hole tolerance: ±0.5 (±0.02)
1
2
5
4
6
11.43
54.0
20.32
(0.45)
(2.13)
(0.80)
Bottom view
3
8.89
(0.35)
7
27.0 (1.06)
11.43
(0.45)
8.89
(0.35)
2 x M4 THD
19.9 (0.78)
19.9 (0.78)
19.5
0.7
6.0
(0.03)
(0.24)
(0.77)
Pin
Single
Dual
sym.
Dual
asym.
Triple
1
AC (N)
2
AC (L)
3
No Pin
Vout 3
4
–Vout
Vout 2
–Vout 2
com.2/3
5
no pin
com.1/2
+Vout 2
Vout 2
6
+Vout
Vout 1
–Vout 1
–Vout 1
7
No Pin
+Vout 1
+Vout 1
Pinout
54.0 (2.13)
46.0 (1.81)
23.3 (0.92)
5.0
(0.20
11.8
(0.46)
5
46
37
1
2
Top view
4 x ø3.5
DC ON
LED-Indiation
Pin
Single
Dual
sym.
Dual
asym.
Triple
1
AC (N)
2
AC (L)
3
NC
Vout 3
4
–Vout
Vout 2
–Vout 2
com.2/3
5
NC
com.1/2
+Vout 2
Vout 2
6
+Vout
Vout 1
–Vout 1
–Vout 1
7
NC
+Vout 1
+Vout 1
Connection
(NC = not connected)
Weight: 132 g (4.66 oz)
All dimension in mm (inch)
Max Screw penetration: 5.5 (0.21)
Tolerance: ±0.5 (±0.02)
Pin diameter: 1.0 ±0.1 (0.04 ±0.004)
Pin pitch tolerance: ±0.25 (±0.01)
Weight: 135 g (4.76 oz)
AC/DC Power Modules
TMP & TMPM Series
4 to 60 Watt



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com