Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP-07124 Datasheet(PDF) 1 Page - TRACO Electronic AG

Part # TMP-07124
Description  TMP & TMPM Series, 4 to 60 Watt
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TMP-07124 Datasheet(HTML) 1 Page - TRACO Electronic AG

  TMP-07124 Datasheet HTML 1Page - TRACO Electronic AG TMP-07124 Datasheet HTML 2Page - TRACO Electronic AG TMP-07124 Datasheet HTML 3Page - TRACO Electronic AG TMP-07124 Datasheet HTML 4Page - TRACO Electronic AG TMP-07124 Datasheet HTML 5Page - TRACO Electronic AG TMP-07124 Datasheet HTML 6Page - TRACO Electronic AG TMP-07124 Datasheet HTML 7Page - TRACO Electronic AG TMP-07124 Datasheet HTML 8Page - TRACO Electronic AG TMP-07124 Datasheet HTML 9Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.tracopower.com
Features
u Ultra compact, low profile plastic casing
u Fully encapsulated (pollution/dust)
u Single-, dual- and triple output models
u 2 standard package versions:
- Screw terminal block for chassis mount
- Solder pins for direct PCB mount
- Optional pin-connector on request
u DIN-rail mount adaptor (optional)
u Universal input 85-264 VAC, 47-440 Hz
u Protection class ll
u IEC/EN/UL 62368-1 approval, CB-report
u Over-temperature protection
u Protection against short circuit
and oveload
u 3-year product warranty
The TMP & TMPM series AC/DC Power Modules is a new range of fully encapsulated
power supplies in an ultra-compact casing. They feature easy chassis mounting with
screw terminal block connection or direct PCB mounting with solder pins.
Full compliance with International safety standards for industrial control equipment
qualifies the products for worldwide markets.
These power supplies offer a cost effective solution for many space critical applica-
tions in commercial and industrial electronic equipment and for polluted and dusty
environment.
AC/DC Power Modules
TMP & TMPM Series, 4 to 60 Watt
Page 1 of 9
15 to 60 Watt and multi output models see next page -->
CB
Scheme
UL 508
UL 60950-1
UL 62368-1
Order code
Output power max.
Output
Efficiency
PCB-mount with solder pins
typ.
TMPM 04103
3.3 VDC / 1200 mA
70 %
TMPM 04105
5.0 VDC / 800 mA
72 %
TMPM 04109
9.0 VDC / 444 mA
75 %
TMPM 04112
4 W
12 VDC / 333 mA
76 %
TMPM 04115
15 VDC / 267 mA
76 %
TMPM 04124
24 VDC / 167 mA
77 %
TMP 07103
4.6 W
3.3 VDC / 1400 mA
70 %
TMP 07105
5.0 VDC / 1400 mA
73 %
TMP 07112
7 W
12 VDC / 583 mA
78 %
TMP 07115
15 VDC / 466 mA
78 %
TMP 07124
24 VDC / 291 mA
78 %
TMPM 10103
8.3 W
3.3 VDC / 2500 mA
70 %
TMPM 10105
5.0 VDC / 2000 mA
72 %
TMPM 10112
10 W
12 VDC / 833 mA
76 %
TMPM 10115
15 VDC / 667 mA
75 %
TMPM 10124
24 VDC / 417 mA
72 %
TMP 10103
6.6 W
3.3 VDC / 2000 mA
70 %
TMP 10105
5.0 VDC / 2000 mA
73 %
TMP 10112
10 W
12 VDC / 833 mA
76 %
TMP 10115
15 VDC / 666 mA
76 %
TMP 10124
24 VDC / 416 mA
76 %
Single Output Models 4 to 10 Watt


Similar Part No. - TMP-07124

ManufacturerPart #DatasheetDescription
logo
Crane Aerospace & Elect...
TMP-001 CRANE-TMP-001 Datasheet
192Kb / 2P
TMP Thermal Pad Accessory
TMP-002 CRANE-TMP-002 Datasheet
192Kb / 2P
TMP Thermal Pad Accessory
TMP-003 CRANE-TMP-003 Datasheet
192Kb / 2P
TMP Thermal Pad Accessory
TMP-005 CRANE-TMP-005 Datasheet
192Kb / 2P
TMP Thermal Pad Accessory
TMP-007 CRANE-TMP-007 Datasheet
192Kb / 2P
TMP Thermal Pad Accessory
More results

Similar Description - TMP-07124

ManufacturerPart #DatasheetDescription
logo
Power-One
HAS040YE POWER-ONE-HAS040YE Datasheet
177Kb / 3P
HAS SERIES - 60 WATT
HLD15YGE POWER-ONE-HLD15YGE Datasheet
131Kb / 3P
HLD SERIES - 60 WATT
logo
SL Power Electronics
MW136 SLPOWER-MW136 Datasheet
78Kb / 2P
MEDICAL 60 WATT SERIES
logo
List of Unclassifed Man...
MP543-1CC ETC2-MP543-1CC Datasheet
176Kb / 1P
TMP FEMALE TO SMA FEMALE STRAIGHT ADAPTER
MP544-1CCSF ETC2-MP544-1CCSF Datasheet
135Kb / 1P
TMP MALE TO SMA FEMALE STRAIGHT ADAPTER
logo
TRACO Electronic AG
TCL-DC TRACOPOWER-TCL-DC Datasheet
321Kb / 3P
TCL-DC Series, 24 to 60 Watt
Rev. November 25, 2020
TMLM TRACOPOWER-TMLM Datasheet
418Kb / 4P
TMLM Series, 4 to 20 Watt
Rev. March 21, 2023
TEN60 TRACOPOWER-TEN60 Datasheet
943Kb / 5P
TEN 60 Series, 60 Watt
Rev. November 30, 2022
TEP60UIR TRACOPOWER-TEP60UIR Datasheet
866Kb / 5P
TEP 60UIR Series, 60 Watt
Rev. November 30, 2022
TZL TRACOPOWER-TZL Datasheet
468Kb / 5P
DC/DC Converter TZL Series, 60 to 300 Watt
Rev. June 13, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com