Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP-07124 Datasheet(PDF) 5 Page - TRACO Electronic AG

Part # TMP-07124
Description  TMP & TMPM Series, 4 to 60 Watt
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TMP-07124 Datasheet(HTML) 5 Page - TRACO Electronic AG

  TMP-07124 Datasheet HTML 1Page - TRACO Electronic AG TMP-07124 Datasheet HTML 2Page - TRACO Electronic AG TMP-07124 Datasheet HTML 3Page - TRACO Electronic AG TMP-07124 Datasheet HTML 4Page - TRACO Electronic AG TMP-07124 Datasheet HTML 5Page - TRACO Electronic AG TMP-07124 Datasheet HTML 6Page - TRACO Electronic AG TMP-07124 Datasheet HTML 7Page - TRACO Electronic AG TMP-07124 Datasheet HTML 8Page - TRACO Electronic AG TMP-07124 Datasheet HTML 9Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
www.tracopower.com
Page 5 of 9
Outline Dimensions
TMP 07 models:
TMP 10 models:
Dimensions in [mm], ( ) = Inches
Case tolerances: ±0.5 (±0.02)
Pin pich tolerance: ±0.25 (±0.01)
19.5
0.7
6.0
(0.03)
(0.24)
(0.77)
1
2
4
3
10.16
25.4
20.32
2.54
(0.40)
(1.00)
(0.80)
(0.10)
Bottom view
Pin
Single
1
AC (N)
2
AC (L)
3
+Vout
4
–Vout
Pinout
1
2
4
3
5
10.16
10.16
45.0
17.78
19.2
0.7
6.0
(0.40)
(0.40)
(1.77)
(0.70)
(0.03)
(0.24)
(0.76)
Bottom view
22.5 (0.89)
Pin
Single
Dual
1
AC (N)
AC (N)
2
AC (L)
AC (L)
3
–Vout
Vout 2
4
NC
com.1/2
5
+Vout
Vout 1
Pinout
Pin diameter: 1.0 (0.04)
Weight: 92 g (3.25 oz)
(NC = not connected)
TMPM 10 models:
23.5
0.7
10.0
(0.03)
(0.39)
(0.93)
1
2
4
3
10.16
27.2
20.32
3.45
(0.40)
(1.07)
(0.80)
(0.14)
Bottom view
Pin
Single
1
AC (N)
2
AC (L)
3
+Vout
4
–Vout
Pinout
Pin diameter: 1.0 (0.04)
Weight: 54 g (1.90 oz)
Bottom view
27.0
All dimensions in mm (inch)
Tolerance: ±0.5 (±0.01)
Pin pitch tolerance: ±0.25 (±0.01)
Pin Ø 0.6 ±0.1 (Ø 0.02 ±0.004)
(1.06)
21.00 (0.83)
3.00
(0.12)
17.1 (0.67)
4.0
(0.16)
1
23
4
5
6
7
TMPM 04 models:
All dimensions in mm (inch)
Tolerance: ±0.5 (±0.01)
Pin pitch tolerance: ±0.25 (±0.01)
Pin Ø 0.6 ±0.1 (Ø 0.02 ±0.004)
Weight: 26 g (0.92 oz)
Pin
Single
Dual
1
NC
2
NC
3
+Vout
Vout 1
4
–Vout
com.1/2
5
No Pin
Vout 2
6
AC (N)
7
AC (L)
Pinout
(NC = not connected)
All dimension in mm (inch)
Max Screw penetration: 5.5 (0.21)
Tolerance: ±0.5 (±0.02)
Pin diameter: 1.0 ±0.1 (0.04 ±0.004)
Pin pitch tolerance: ±0.25 (±0.01)
Weight: 44 g (1.55 oz)
AC/DC Power Modules
TMP & TMPM Series
4 to 60 Watt



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com