Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP-07124 Datasheet(PDF) 7 Page - TRACO Electronic AG

Part # TMP-07124
Description  TMP & TMPM Series, 4 to 60 Watt
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TMP-07124 Datasheet(HTML) 7 Page - TRACO Electronic AG

  TMP-07124 Datasheet HTML 1Page - TRACO Electronic AG TMP-07124 Datasheet HTML 2Page - TRACO Electronic AG TMP-07124 Datasheet HTML 3Page - TRACO Electronic AG TMP-07124 Datasheet HTML 4Page - TRACO Electronic AG TMP-07124 Datasheet HTML 5Page - TRACO Electronic AG TMP-07124 Datasheet HTML 6Page - TRACO Electronic AG TMP-07124 Datasheet HTML 7Page - TRACO Electronic AG TMP-07124 Datasheet HTML 8Page - TRACO Electronic AG TMP-07124 Datasheet HTML 9Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
www.tracopower.com
Page 7 of 9
Outline Dimensions
TMP 30 models for PCB mount:
1
2
5
4
6
63.5
31.75
(2.50)
(1.25)
Bottom view
3
7
27.94 (1.10)
12.70
(0.50)
15.24
(0.60)
2 x M4 THD
5.0 (0.20)
12.70
(0.50)
15.24
(0.60)
27.94 (1.10)
21.7
0.7
6.0
(0.03)
(0.24)
(0.85)
Pin
Sin-
gle
Dual
sym.
Dual
asym.
Triple
1
AC (N)
2
AC (L)
3
+Vout
Vout 1
+Vout 2
Vout 2
4
No Pin
+Vout 1
+Vout 1
5
–Vout
com 1/2
–Vout 2
com 2/3
6
No Pin
–Vout 1
–Vout 1
7
NC
Vout 2
NC
Vout 3
Pinout
(NC = not connected)
Dimensions in [mm], ( ) = Inches
Case tolerances: ±0.5 (±0.02)
Pin pich tolerance: ±0.25 (±0.01)
Mounting hole tolerance: ±0.5 (±0.02)
TMP 30 models for chassis mount:
Weight: 208 g (7.34 oz)
25.6 (1.01)
5.0
(0.20)
11.8
(0.46)
5
46
37
1
2
Top view
63.8 (2.51)
50.0 (1.97)
4 x ø3.5
DC ON
LED-Indiation
All dimension in mm (inch)
Max Screw penetration: 5.5 (0.21)
Tolerance: ±0.5 (±0.02)
Pin diameter: 1.0 ±0.1 (0.04 ±0.004)
Pin pitch tolerance: ±0.25 (±0.01)
Weight: 211 g (7.44 oz)
Pin Single
Dual
sym.
Dual
asym.
Triple
1
AC (N)
2
AC (L)
3
+Vout
Vout 1
+Vout 2
Vout 2
4
NC
+Vout 1
+Vout 1
5
–Vout
com 1/2
–Vout 2
com 2/3
6
NC
–Vout 1
–Vout 1
7
NC
Vout 2
NC
Vout 3
Connection
(NC = not connected)
AC/DC Power Modules
TMP & TMPM Series
4 to 60 Watt



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com