Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT76CSDC12VC0.45 Datasheet(PDF) 1 Page - DB Lectro Inc

Part # NT76CSDC12VC0.45
Description  Super light in weight. / Switching capacity up to 16A.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NT76CSDC12VC0.45 Datasheet(HTML) 1 Page - DB Lectro Inc

  NT76CSDC12VC0.45 Datasheet HTML 1Page - DB Lectro Inc NT76CSDC12VC0.45 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Super light in weight.
High sensitivity.
Switching capacity up to 16A.
PC board mounting.
Ordering Information
NT76
C
S
DC12V
C
0.2
1
2
3
4
5
6
1 Part number:NT76
2 Contact arrangement:A:1A;C:1C
3 Enclosure:S: Sealed type;Z: Dust cover
4 Coil rated Voltage(V):DC:3,5,6,9,12,18,24,48,100
5 Contact material:C: Ag CdO;S: Ag SnO
2 In2O3
6 Coil power consumption:0.2:0.2W;0.25:0.25W;
0.45:0.45W;0.6:0.6W
Contact Data
Contact Arrangement
1A
SPSTNO
f1C SPDT(B-M)
Contact Material
Ag CdO
Ag SnO
2 In2O3
Contact Rating (resistive)
1A: 16A/250VAC, 30VDC ;
1C: 10A/250VAC, 30VDC
T
üV 16A/250VAC,30VDC
Max. Switching Power
300W
2500VA
Max. Switching Voltage
110VDC 380VAC
Max. Switching Current:16A
Contact Resistance or Voltage drop
50m
Item 3.12 of IEC255-7
Electrical
10
5
Item 3.30 of IEC255-7
Operation
life
Mechanical
10
7
Item 3.31 of IEC255-7
Coil Parameter
Coil voltage
VDC
Dash
numbers
Rated
Max.
Coil
resistance
±10%
Pickup
voltage
VDC(max)
(75%of rated
voltage )
release
voltage
VDC(min)
(5% of rated
voltage)
Coil power
consumption
W
Operate
Time
Ms
Release
Time
ms
005-200
5
6.5
125
3.75
0.25
006-200
6
7.8
180
4.50
0.30
009-200
9
11.7
405
6.75
0.45
012-200
12
15.6
720
9.00
0.60
018-200
18
23.4
1620
13.5
0.90
024-200
24
31.2
2880
18.0
1.20
0.20
10
5
048-250
48
52.8
9216
38.4
2.40
0.25
10
5
005-450
5
6.5
56
3.75
0.25
006-450
6
7.8
80
4.50
0.30
009-450
9
11.7
180
6.75
0.45
012-450
12
15.6
320
9.00
0.60
018-450
18
23.4
720
13.5
0.90
024-450
24
31.2
1280
18.0
1.20
048-450
48
52.8
5120
38.4
2.40
0.45
10
5
100-600
100
130
16600
80.0
10.0
0.6
10
5
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
87
NT76
22.3
×16.6×11
E160644
R2033977.03
Patent No.:
99206684.0
E9930952E01
www.dblectro.com


Similar Part No. - NT76CSDC12VC0.45

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NT76CSCD100VC DBLECTRO-NT76CSCD100VC Datasheet
538Kb / 2P
Switching capacity up to 16A
NT76CSCD100VS DBLECTRO-NT76CSCD100VS Datasheet
538Kb / 2P
Switching capacity up to 16A
NT76CSCD12VC DBLECTRO-NT76CSCD12VC Datasheet
538Kb / 2P
Switching capacity up to 16A
NT76CSCD12VS DBLECTRO-NT76CSCD12VS Datasheet
538Kb / 2P
Switching capacity up to 16A
NT76CSCD18VC DBLECTRO-NT76CSCD18VC Datasheet
538Kb / 2P
Switching capacity up to 16A
More results

Similar Description - NT76CSDC12VC0.45

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
CTA12 CIT-CTA12 Datasheet
147Kb / 2P
Switching capacity up to 20A Small size and light weight
logo
DB Lectro Inc
NT77 DBLECTRO-NT77 Datasheet
310Kb / 2P
Super light in weight. / Switching capacity up to 12A.
NT75-1 DBLECTRO-NT75-1 Datasheet
238Kb / 2P
Low coil consumption. / Switching capacity up to 16A.
NT75 DBLECTRO-NT75 Datasheet
479Kb / 2P
Switching capacity up to 16A.
NT76 DBLECTRO-NT76_05 Datasheet
538Kb / 2P
Switching capacity up to 16A
logo
HuaXinAn Electronics CO...
NT76A HUAXINAN-NT76A Datasheet
524Kb / 1P
Super light in weight
NT76C HUAXINAN-NT76C Datasheet
524Kb / 1P
Super light in weight
NT77 HUAXINAN-NT77 Datasheet
490Kb / 1P
Super light in weight
logo
CIT Relay & Switch
J114AF CIT-J114AF Datasheet
105Kb / 3P
Switching capacity 16A
J151 CIT-J151 Datasheet
290Kb / 4P
Switching capacity up to 20A; small size and light weight
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com