Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012P-2R2M Datasheet(PDF) 22 Page - Microchip Technology

Part # DFE252012P-2R2M
Description  Cost and Size Optimized PMIC for SAMA5DX/SAM9X6/SAMA7G Series MPUs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DFE252012P-2R2M Datasheet(HTML) 22 Page - Microchip Technology

Back Button DFE252012P-2R2M Datasheet HTML 18Page - Microchip Technology DFE252012P-2R2M Datasheet HTML 19Page - Microchip Technology DFE252012P-2R2M Datasheet HTML 20Page - Microchip Technology DFE252012P-2R2M Datasheet HTML 21Page - Microchip Technology DFE252012P-2R2M Datasheet HTML 22Page - Microchip Technology DFE252012P-2R2M Datasheet HTML 23Page - Microchip Technology DFE252012P-2R2M Datasheet HTML 24Page - Microchip Technology DFE252012P-2R2M Datasheet HTML 25Page - Microchip Technology DFE252012P-2R2M Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
MCP16501
DS20006388A-page 22
 2020 Microchip Technology Inc.
4.4.2
POWER-UP SEQUENCE
FLOWCHART
The start-up sequence is divided into three steps and
each Buck regulator is assigned to a specific sequence
step:
• Step 1 (Buck1) regulator is started after a delay
(t1) from the start-up event. If the start-up event is
no longer valid as the instant t1 expires, the
start-up sequence is aborted before the first regu-
lator is started.
• Step 2 (Buck2) regulator is started after a delay
(t2) since the completion of the sequence Step 1
(regulator enabled at Step 1 has been powered up
correctly).
• Step 3 (Buck3) regulator is started after a delay
(t3) from the completion of the sequence Step 2
(regulator enabled at Step 2 has been powered up
correctly).
The subsequent assertion of nRSTO is determined by
the status of all regulators that have been turned on
during the power-up sequence Their status is checked
before starting counter t4 and again checked at the
expiration of t4 to have nRSTO deasserted.
After the completion of the power-up sequence (i.e., at
the time instant nRSTO is deasserted), the MCP16501
will enter the Power Modes state machine operation
defined by the LPM and PWRHLD signals, and the cor-
responding device setting.
Some regulators which are supposed to turn on in the
power-up sequence may fail to power up correctly.
In this case, the sequencing engine adds a 32 ms
waiting time to allow the affected regulators to recover.
After the expiration of the 32 ms period, if the affected
regulators have still not recovered, the start-up
sequence is aborted and the MCP16501 returns to its
OFF state.
The start-up sequence flowchart is described in
Figure 4-6 on the next page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com