Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012P-2R2M Datasheet(PDF) 24 Page - Microchip Technology

Part # DFE252012P-2R2M
Description  Cost and Size Optimized PMIC for SAMA5DX/SAM9X6/SAMA7G Series MPUs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DFE252012P-2R2M Datasheet(HTML) 24 Page - Microchip Technology

Back Button DFE252012P-2R2M Datasheet HTML 20Page - Microchip Technology DFE252012P-2R2M Datasheet HTML 21Page - Microchip Technology DFE252012P-2R2M Datasheet HTML 22Page - Microchip Technology DFE252012P-2R2M Datasheet HTML 23Page - Microchip Technology DFE252012P-2R2M Datasheet HTML 24Page - Microchip Technology DFE252012P-2R2M Datasheet HTML 25Page - Microchip Technology DFE252012P-2R2M Datasheet HTML 26Page - Microchip Technology DFE252012P-2R2M Datasheet HTML 27Page - Microchip Technology DFE252012P-2R2M Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
MCP16501
DS20006388A-page 24
 2020 Microchip Technology Inc.
4.4.3
DROPOUT SAFE START-UP
SEQUENCE FEATURE
The start-up sequence management of MCP16501
ensures predictable timing between subsequent steps,
even if some power channels may operate in dropout
conditions with moderate loading.
This situation might occur for Buck1 because its output
voltage range (up to 3.7V) is overlapping the input sup-
ply range (2.7V-5.5V).
This operating condition is frequently encountered in
battery-powered applications. For example, some
loads designed for a 3.3V nominal supply voltage may
not be able to withstand the fully replenished battery
voltage (around 4.2V), and therefore, they would
require a front-end regulator. However, they could still
operate when the battery voltage has decreased low
enough to push their front-end regulator into dropout.
For example, if the battery voltage is around 3.1V and the
Buck1 output voltage is also set to 3.3V, it is still desirable
to start Buck1 and proceed throughout the start-up
sequence, even if the POK (Power OK) threshold for
Buck1 may not be reached, since Buck1 is still delivering
a voltage within the I/O operating voltage range. This
would allow a better exploitation of the battery because
the cutoff voltage is no longer dictated by the onset of the
dropout of the 3.3V regulator (Buck1) and by its POK
threshold.
By means of a dedicated circuit that monitors the
input-output differential during start-up of the potentially
affected regulators, the MCP16501 can still ensure a
proper start-up. The MPU can then detect the anomaly
(e.g. by measuring the output of Buck1) and decide
either to continue operation or to shut down the system.
The Start-up POK Bypass Threshold is the relevant
“Electrical Characteristics” table parameter that
defines the acceptable level of input-output differential,
to continue through the start-up sequence, in lack of
the normal POK.
4.4.4
TYPICAL POWER-DOWN
SEQUENCE AND TIMING
The power-down (shutdown) sequence can be initiated
by the MPU by deasserting PWRHLD (LPM being
already low or deasserted simultaneously). This
method assumes that the MCP16501 is in any
operating state (i.e., is outside the start-up sequence).
After PWRHLD has been deasserted nRSTO will
immediately be asserted low by the MCP16501. After
that, all active channels will be turned off, with the
exception of the LDO which is controlled by LEN. For
the MCP16501D, the LDO will be turned off by virtue of
the connection of LEN to VOUT1.
The turn-off of each channel also activates the active
discharge (if enabled) on the same channel.
The timing diagram in Figure 4-7 shows the typical
sequence for the power down
FIGURE 4-7:
Power-Down (Shutdown)
Sequence Timing Diagram.
4.4.5
TYPICAL HIBERNATE SEQUENCES
AND TIMING
The Hibernate mode entering sequence is similar to the
power-down, with the only difference is that LPM will be
asserted high by the MPU before deassertion of
PWRHLD, or at least at the same time PWRHLD is
deasserted (due to internal filtering, the setup time t5
can be as low as 0 µs). For example, taking the
MCP16501A variant into consideration, the VOUT2 rail
(and/or other rails which are defined as ON in
Hibernate mode by overwriting the default settings) will
remain active, while VOUT1 and VOUT3, will be immedi-
ately disabled. In Hibernate mode, the DDRx/LPDDRx
will typically be in Backup Self-Refresh mode (BSR).
The following timing diagram in Figure 4-8 shows the
typical Hibernate mode sequence for a device variant
that keeps only VOUT2 on in Hibernate mode (such as
MCP16501A).
Where:
t5 = Setup time, LPM = 0 to PWRHLD = 0:
Min. 0 µs (internal filtering applies)
t6 = Delay from PWRHLD deasserted to
nRSTO asserted: Min. 0 µs, max. 10 µs
(not a strict requirement)
t7 = Delay from nRSTO asserted to first
VOUTx turn-off: Min. 0 µs, max. 10 µs (not
a strict requirement)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com