Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012P-2R2M Datasheet(PDF) 26 Page - Microchip Technology

Part # DFE252012P-2R2M
Description  Cost and Size Optimized PMIC for SAMA5DX/SAM9X6/SAMA7G Series MPUs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DFE252012P-2R2M Datasheet(HTML) 26 Page - Microchip Technology

Back Button DFE252012P-2R2M Datasheet HTML 22Page - Microchip Technology DFE252012P-2R2M Datasheet HTML 23Page - Microchip Technology DFE252012P-2R2M Datasheet HTML 24Page - Microchip Technology DFE252012P-2R2M Datasheet HTML 25Page - Microchip Technology DFE252012P-2R2M Datasheet HTML 26Page - Microchip Technology DFE252012P-2R2M Datasheet HTML 27Page - Microchip Technology DFE252012P-2R2M Datasheet HTML 28Page - Microchip Technology DFE252012P-2R2M Datasheet HTML 29Page - Microchip Technology DFE252012P-2R2M Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
MCP16501
DS20006388A-page 26
 2020 Microchip Technology Inc.
is terminated and the MCP16501D waits for 100 ms.
After this wait time, a new start-up sequence is gener-
ated in the attempt to restart the system correctly.
A special feature is provided to enable system recovery
if there is a restart sequence after a Fault occurs while
in Hibernate mode. In Hibernate mode, the PWRHLD
had been previously set to low by the MPU and the
MPU expects a wake-up event in order to set PWRHLD
to high again. This must be a hardware event, which is
flagged to some I/O inside the MPU Shutdown and
Wake-up Controller (SHDWC) block (e.g., a logic
transition on a WKUPx or PIOBUx pin).
However, if a Fault causes a restart sequence while in
Hibernate mode, the restart sequence is not success-
fully completed until a wake-up event is generated for
the MPU SHDWC, because the PWRHLD remains low.
It is necessary for the PWRHLD signal to be high just
prior to the completion of the start-up sequence so that
nRSTO can be deasserted.
This is solved by generating from the MCP16501 an
Automatic Wake-up Pulse (AWKP) on the nSTRTO
output if the Fault that generates a restart sequence
has occurred while in Hibernate mode.
In the MCP16501D, the AWKP function is enabled by
default.
The timing diagram of a restart sequence caused by a
Fault while in Hibernate mode is shown in Figure 4-10.
Just before initiating the restart sequence, the
MCP16501D generates a 25 ms (nominal duration)
Automatic Wake-up Pulse on the nSTRTO output, even
in lack of a low level on the nSTRT input. This is the
only situation where the nSTRTO logic level does not
reflect the nSTRT input status. The duration of the
AWK Pulse erodes into the 100 ms waiting time that
precedes the automatic restart sequence.
PWRHLD will typically return high as soon as the
nSTRTO signal is detected to be low by the MPU
SHDWC. If LPM stays high for any reason, the
MCP16501D will go in Low-Power mode immediately
after the automatic start-up sequence. This behavior is
shown in Figure 2-21 in Section 2.0 “Typical Perfor-
mance Curves”.
If the restart sequence after a Fault is executed in any
other operational state but Hibernate, PWRHLD will
either be already high (in applications with backup
power) or it would return high as soon as the VDDIO rail
is started, thus making the generation of the Automatic
Wake-up Pulse not necessary.
FIGURE 4-10:
Automatic Wake-Up Pulse
Generation Timing Diagram (Fault during
Hibernate).
VIN
Fault
Event
PWRHLD
Wait 100 ms
(internal logic signal)
nSTRTO
nRSTO
time
LPM
Hibernate
Automatic Start-up Sequence
State
nSTRT
25 ms
100 ms
Wait after Fault
ACTIVE
75 ms
t
restart
t
5
t
5
Where:
trestart = Duration of the automatic start-up
(restart) sequence
t5 = Minimum setup/hold time: Min. 0 µs
(internal filtering applies)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com