Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012P-2R2M Datasheet(PDF) 17 Page - Microchip Technology

Part # DFE252012P-2R2M
Description  Cost and Size Optimized PMIC for SAMA5DX/SAM9X6/SAMA7G Series MPUs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DFE252012P-2R2M Datasheet(HTML) 17 Page - Microchip Technology

Back Button DFE252012P-2R2M Datasheet HTML 13Page - Microchip Technology DFE252012P-2R2M Datasheet HTML 14Page - Microchip Technology DFE252012P-2R2M Datasheet HTML 15Page - Microchip Technology DFE252012P-2R2M Datasheet HTML 16Page - Microchip Technology DFE252012P-2R2M Datasheet HTML 17Page - Microchip Technology DFE252012P-2R2M Datasheet HTML 18Page - Microchip Technology DFE252012P-2R2M Datasheet HTML 19Page - Microchip Technology DFE252012P-2R2M Datasheet HTML 20Page - Microchip Technology DFE252012P-2R2M Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
 2020 Microchip Technology Inc.
DS20006388A-page 17
MCP16501
FIGURE 4-1:
Illustration of Start-up Mechanisms for Various MPU Configurations.
Applications With a Backup Supply
Applications Without a Backup Supply
The application starts when VIN ramps up because of the capacitor C,
which delays the rise of nSTRT with respect to VIN and causes nSTRT
to appear low as soon as the MCP16501 is powered.
Note that PWRHLD (= SHDN from MPU) was set to ‘1’ at the time the
battery was mounted on the PCB (i.e., at the time of manufacturing).
The power channels of MCP16501 are turned off by the MPU by setting
SHDN = 0. The MPU is then in Backup mode.
If supported, the DDR can also be placed in Backup Self-Refresh
(BSR) mode by setting LPM = 1 before SHDN = 0.
To wake up the application from Backup mode, a wake-up event must
be generated for the SHDWC (Shutdown and Wake-up Controller) of
the MPU. This can be an internal event (e.g., RTC, RTT alarm,
TAMPER detection) or an event on an I/O of the SHDWC
(e.g., wake-up from a wireless module). The MPU will then set
SHDN = 1 and the low-to-high transition of PWRHLD will cause the
MCP16501 to restart.
If VIN is cycled while the MPU is in Backup mode (SHDN = 0), the
MCP16501 restarts automatically and sends a wake-up event to the
MPU on nSTRTO (WKUP).
If this wake-up event was not enabled in the MPU SHDWC
configuration, SHDN will stay low and the MCP16501 will turn off at the
end of the start-up sequence, because PWRHLD has not been set
high. If this wake-up event is enabled, SHDN will immediately go high,
thus confirming the start-up sequence for the MCP16501 and the
application will restart.
The application starts when VIN ramps up because of the capacitor C, which
delays the rise of nSTRT with respect to VIN and causes nSTRT to appear low
as soon as the MCP16501 is powered.
PWRHLD (= SHDN from MPU) is set to ‘1’ as soon as VBAT (= VDDIO) is above
its internal POR threshold (around 1.5V).
The power channels of MCP16501 are turned off by the MPU by setting
SHDN = 0. In this case, the MPU is not in Backup mode; it is simply completely
off. LPM cannot be used, nor can SHDN be set to ‘1’ because the supply voltage
of the SHDWC controller is missing. From the OFF state, the application can
only be restarted by cycling power on VIN.
The application does not immediately start when VIN ramps up.
The button must be pressed (nSTRT = Low) to start the MCP16501.
Note that PWRHLD (= SHDN from MPU) was set to ‘1’ at the time the
battery was mounted on the PCB (i.e., at the time of manufacturing).
The power channels of MCP16501 are turned off by the MPU by setting
SHDN = 0. The MPU is then in Backup mode.
If supported, the DDR can also be placed in backup self-refresh mode
(BSR) by setting LPM = 1 before SHDN = 0.
To wake up the application from Backup mode, a wake-up event must
be generated for the SHDWC (Shutdown and Wake-up Controller) of
the MPU. This can be an internal event (e.g., RTC, RTT alarm,
TAMPER detection) or an event on an I/O of the SHDWC
(e.g., wake-up from a wireless module). The MPU will then set
SHDN = 1 and the low-to-high transition of PWRHLD will cause the
MCP16501 to restart.
If VIN is cycled while the MPU is in Backup mode (SHDN = 0), the
MCP16501 does not restart automatically.
To restart the application, the button must be pressed and nSTRTO
(WKUP) be an enabled wake-up event.
The DDR supply loss, due to an input power loss while in BSR mode, will
be managed by software (i.e., by reloading the contents of the DDR).
The application does not immediately start when VIN ramps up. The button must
be pressed to start the MCP16501.
PWRHLD (= SHDN from MPU) is set to ‘1’ as soon as VBAT (= VDDIO) is above
its internal POR threshold (around 1.5V).
The power channels of MCP16501 are turned off by the MPU by setting
SHDN = 0. In this case, the MPU is not in Backup mode; it is simply completely
off. LPM cannot be used, nor can SHDN be set to ‘1’ because the supply voltage
of the SHDWC controller is missing.
To restart the application, the push button must be pressed.
MCP16501
MPU
VDDIO
VDDCORE
VDDIODDR
VIN
SHDN
LPM
WKUP
PWRHLD
LPM
nSTRTO
VBAT
C
nSTRT
PVINx,
VIN
MCP16501
MPU
VDDIO
VDDCORE
VDDIODDR
VIN
SHDN
LPM
WKUP
PWRHLD
LPM
nSTRTO
VBAT
nSTRT
PVINx,
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com