Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012P-2R2M Datasheet(PDF) 9 Page - Microchip Technology

Part # DFE252012P-2R2M
Description  Cost and Size Optimized PMIC for SAMA5DX/SAM9X6/SAMA7G Series MPUs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DFE252012P-2R2M Datasheet(HTML) 9 Page - Microchip Technology

Back Button DFE252012P-2R2M Datasheet HTML 5Page - Microchip Technology DFE252012P-2R2M Datasheet HTML 6Page - Microchip Technology DFE252012P-2R2M Datasheet HTML 7Page - Microchip Technology DFE252012P-2R2M Datasheet HTML 8Page - Microchip Technology DFE252012P-2R2M Datasheet HTML 9Page - Microchip Technology DFE252012P-2R2M Datasheet HTML 10Page - Microchip Technology DFE252012P-2R2M Datasheet HTML 11Page - Microchip Technology DFE252012P-2R2M Datasheet HTML 12Page - Microchip Technology DFE252012P-2R2M Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
 2020 Microchip Technology Inc.
DS20006388A-page 9
MCP16501
Note 1: TA = +25°C; VIN = PVINx = 5V; unless otherwise specified.
Bold values indicate -40°C ≤ TJ ≤ +125°C.
Current Limit
ILIM_LOUT
310
420
550
mA
VIN = 4.5V,
VLOUT = 80% of nominal
Active Discharge Resistance
RDISCH_LOUT
—25
—
Ω
DISCH =enabled when regulator
is disabled
LEN Input
LEN Logic High Input Voltage,
VIH
VIH_LEN
1.15
——
V
LEN Logic Low Input Voltage,
VIL
VIL_LEN
——
0.4
V
LEN Input leakage current
ILK_LENT
-1
—
1
µA
nSTRT Input
Logic High Input Voltage, VIH
VIH_nSTRT
0.66 VVIN
—
—
V
VIN = 3.6V-5.5V
Logic Low Input Voltage, VIL
VIL_nSTRT
——
0.36 VVIN
V
VIN = 3.6V-5.5V
Pull-up Resistance
RPU_nSTRT
—40
—
kΩ
nSTRT Deglitch Time
tDT_nSTRT
—
10
—
µs
Falling edge of nSTRT pin
SELV2, SELV3 Three-State Inputs (x = 2, 3)
High State Threshold
Voltage, VIHT
VIHT_SELVx
VVIN –
0.9V
—
VVIN –
0.4V
V
Low State Threshold
Voltage, VILT
VILT_SELVx
0.5
—
1.0
V
Input Leakage Current High
IlkgH_SELVx
—0.7
1
µA
SELVx = VIN – 0.4V
Input Leakage Current Low
IlkgL_SELVx
-1
0.7
—
µA
SELVx = 0.4V
PWRHLD, LPM Logic Inputs (x= PWRHLD, LPM)
Logic High Input Voltage, VIH
VIH_x
1.5
—
—
V
VIN = 3.6V-5.5V
Logic Low Input Voltage, VIL
VIL_x
——
0.4
V
VIN = 3.6V-5.5V
Input Leakage Current
Ilkg_x
-1
—
1
µA
Deglitch Time
tDT_x
—10
—
µs
nRSTO, nSTRTO Logic Outputs (x = nRSTO, nSTRTO)
Output Voltage Low, VOL
VOL_x
——
0.4
V
VIN = 3.6V-5.5V, IOL =2 mA
Leakage Current
Ilkg_x
——
1
µA
5.5V applied, output driver off
TEMPERATURE SPECIFICATIONS(1)
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Operating Junction Temperature
Range
TJ
-40
—
+125
°C
Steady state
Maximum Junction Temperature
TJ_MAX
—
—
+150
°C
Transient
Package Thermal Resistance
θJA
—38—
°C/W
AC/DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise specified: TA =TJ =+25°C; VIN = VIN =PVINx =5V; L1 =L2=L3 =2.2 µH;
COUT1, COUT2,, COUT3=22µF. Boldface type applies for junction temperatures TJ of -40°C to +125°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
Maximum limit for TJ = -40°C to +105°C based on characterization data.
2:
Not production tested.
3:
Typical value from bench characterization, maximum value production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com