Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD-41SW Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # FD-41SW
Description  Digital Fiber Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FD-41SW Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button FD-41SW Datasheet HTML 14Page - List of Unclassifed Manufacturers FD-41SW Datasheet HTML 15Page - List of Unclassifed Manufacturers FD-41SW Datasheet HTML 16Page - List of Unclassifed Manufacturers FD-41SW Datasheet HTML 17Page - List of Unclassifed Manufacturers FD-41SW Datasheet HTML 18Page - List of Unclassifed Manufacturers FD-41SW Datasheet HTML 19Page - List of Unclassifed Manufacturers FD-41SW Datasheet HTML 20Page - List of Unclassifed Manufacturers FD-41SW Datasheet HTML 21Page - List of Unclassifed Manufacturers FD-41SW Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Digital Fiber Sensor
FX-300 SERIES
156
Selection
Guide
Fibers
Fiber
Amplifiers
FX-500
FX-100
FX-300
FX-410
FX-311
FX-301-F7/
FX-301-F
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
ELECTRICITY
PREVENTION
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
CONSUMPTION
VISUALIZATION
COMPONENTS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
FIBER OPTIONS
Refer to p. 69~ for details of lens dimensions.
Others
Protective tube
Universal sensor mounting stand
Using the arm which enables adjustment in
the horizontal direction, sensing can also be
done from above an assembly line.
Fiber bender
• FB-1
• MS-AJ1-F
• MS-AJ2-F
360° rotation
360°
rotation
Angle adjustment: ±20°
20°
20°
Height
adjustment:
150 mm 5.906 in
approx.
Mounting hole
for M6 screw
Forward / back
adjustment:
130 mm
5.118 in approx.
360° rotation
360°
rotation
Angle adjustment: ±20°
20°
20°
Mounting hole
for M6 screw
Forward / back
adjustment:
130 mm
5.118 in approx.
Height
adjustment:
150 mm 5.906 in
approx.
• FTP-□
• FDP-□
Designation
Model No.
Description
Protective tube
for thru-beam
type fiber
FTP-500 (0.5 m 1.640 ft)
For M4
thread
FT-42
FT-42S
FT-42W
FT-43
FT-H13-FM2
The protective
tube, made of non-
corrosive stainless
steel, protects the
inner fiber cable from
any external forces.
FTP-1000 (1 m 3.281 ft)
FTP-1500 (1.5 m 4.921 ft)
FTP-N500 (0.5 m 1.640 ft)
For M3
thread
FT-31
FT-31S
FT-31W
FD-31
FD-31W
FTP-N1000 (1 m 3.281 ft)
FTP-N1500 (1.5 m 4.921 ft)
Protective tube
for reflective
type fiber
FDP-500 (0.5 m 1.640 ft)
For M6
thread
FD-61
FD-61G
FD-61S
FD-61W
FD-62
FD-H13-FM2
FDP-1000 (1 m 3.281 ft)
FDP-1500 (1.5 m 4.921 ft)
FDP-N500 (0.5 m 1.640 ft)
For M4
thread
FD-41
FD-41W
FD-41S
FD-41SW
FDP-N1000 (1 m 3.281 ft)
FDP-N1500 (1.5 m 4.921 ft)
Fiber bender
FB-1
The fiber bender bends the sleeve part of the fiber head at the proper
radius. (Note 1)
Universal sensor
mounting stand
(Note 2)
MS-AJ1-F
Horizontal mounting type Mounting stand assembly for fiber (For M3,
M4 or M6 threaded head fiber)
MS-AJ2-F
Vertical mounting type
Liquid inflow
prevention
joint
(Note 2)
MS-FX-01Y
FD-HF40Y
FD-F41Y
This joint suppresses false operations
due to liquid slip-in from the top of the
protective tube.
Protective tube
extension joint
(Note 2)
MS-FX-02Y
The protective tube can be extended.
Fiber
mounting joint
(Note 2)
MS-FX-03Y
The joint is used for mounting fibers on a
tank.
Single core
holder
FX-AT15A
The incident light intensity may vary when using a multi-core fiber or a
thin type sharp bending fiber. This holder suppresses the variation in
the incident light intensity. (Brown)
Reflector
RF-210
Used with
FR-Z50HW.
Refer to p.30 or p.41 for the sensing range of
FR-Z50HW to be used
in combination.
RF-220
RF-230
Notes: 1) Do not bend the sleeve part of any side-view type fiber or ultra-small diameter head type fiber.
2) The joint internal ferrule (
MS-FX-YF) is available as a spare part. A distorted ferrule may result in leakage.
Single core holder
• FX-AT15A
Liquid inflow prevention joint
• MS-FX-01Y
MS-FX-03Y
MS-FX-02Y
MS-FX-01Y
Union nut
Union nut
Union nut
Union nut
Body
Body
Body
Ferrule (
MS-FX-YF)
Ferrule (
MS-FX-YF)
Ferrule (
MS-FX-YF)
Ferrule (
MS-FX-YF)
Protective tube extension joint
• MS-FX-02Y
MS-FX-03Y
MS-FX-02Y
MS-FX-01Y
Union nut
Union nut
Union nut
Union nut
Body
Body
Body
Ferrule (
MS-FX-YF)
Ferrule (
MS-FX-YF)
Ferrule (
MS-FX-YF)
Ferrule (
MS-FX-YF)
Fiber mounting joint
• MS-FX-03Y
MS-FX-03Y
MS-FX-02Y
MS-FX-01Y
Union nut
Union nut
Union nut
Union nut
Body
Body
Body
Ferrule (
MS-FX-YF)
Ferrule (
MS-FX-YF)
Ferrule (
MS-FX-YF)
Ferrule (
MS-FX-YF)
Reflector
• RF-210
1.311 in
33.3 mm 0.433 in
11 mm
12.8mm
0.504 in
• RF-220
1.390 in
35.3 mm
8.3 mm
42.3 mm
1.665 in
0.327 in
1.980 in
50.3 mm
0.327 in
8.3 mm
59.3 mm
2.335 in
• RF-230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com