Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD-41SW Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # FD-41SW
Description  Digital Fiber Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FD-41SW Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button FD-41SW Datasheet HTML 3Page - List of Unclassifed Manufacturers FD-41SW Datasheet HTML 4Page - List of Unclassifed Manufacturers FD-41SW Datasheet HTML 5Page - List of Unclassifed Manufacturers FD-41SW Datasheet HTML 6Page - List of Unclassifed Manufacturers FD-41SW Datasheet HTML 7Page - List of Unclassifed Manufacturers FD-41SW Datasheet HTML 8Page - List of Unclassifed Manufacturers FD-41SW Datasheet HTML 9Page - List of Unclassifed Manufacturers FD-41SW Datasheet HTML 10Page - List of Unclassifed Manufacturers FD-41SW Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
145 DigitalFiberSensorFX-300SERIES
Selection
Guide
Fibers
Fiber
Amplifiers
FX-500
FX-100
FX-300
FX-410
FX-311
FX-301-F7/
FX-301-F
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
ELECTRICITY
PREVENTION
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
CONSUMPTION
VISUALIZATION
COMPONENTS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
FX-301 / FX-305 (Red LED type) sensing range (Note 1)
The
FX-305 and FX-301(-HS) have different sensing modes.
FX-305: H-SP, FAST, STD, STDF, LONG, U-LG (no S-D mode)
FX-301(-HS): S-D, H-SP (Note 1), FAST, STD, LONG (no STDF or U-LG mode)
Thru-beam type (one pair set)
Model No.
Sensing range (mm in) (Note 2)
Dimensions
Red LED
U-LG
LONG
STDF
STD
FAST
H-SP
S-D
FT-140
19,600 771.654 (Note 3) 19,600 771.654 (Note 3) 19,600 771.654 (Note 3) 16,000 629.921 16,000 629.921
8,700 342.520
8,700 342.520
P.51
FT-30
450 17.717
310 12.205
210
8.268
150
5.906
110
4.331
60
2.362
60
2.362
P.51
FT-31
440 17.323
290 11.417
200
7.874
142
5.591
105
4.134
58
2.283
49
1.929
P.51
FT-31S
440 17.323
290 11.417
200
7.874
140
5.512
100
3.937
55
2.165
49
1.929
P.51
FT-31W
300 11.811
230
9.055
130
5.118
100
3.937
65
2.559
30
1.181
30
1.181
P.51
FT-40
1,300 51.181
900 35.433
600 23.622
450 17.717
330 12.992
180
7.087
180
7.087
P.51
FT-42
1,100 43.307
800 31.496
550 21.654
400 15.748
285 11.220
160
6.299
150
5.906
P.51
FT-42S
1,100 43.307
800 31.496
550 21.654
400 15.748
285 11.220
160
6.299
150
5.906
P.51
FT-42W
1,000 39.370
710 27.953
460 18.110
330 12.992
240
9.449
130
5.118
130
5.118
P.51
FT-43
1,900 74.803
1,400 55.118
800 31.496
610 24.016
440 17.323
240
9.449
250
9.843
P.51
FT-45X
1,600 62.992 (Note 3)
1,100 43.307
780 30.709
570 22.441
410 16.142
230
9.055
230
9.055
P.52
FT-A11
3,600 141.732 (Note 3) 3,600 141.732 (Note 3) 3,600 141.732 (Note 3)
2,700 106.299
1,800 70.866
1,100 43.307
1,000 39.370
P.52
FT-A11W
3,600 141.732 (Note 3) 3,600 141.732 (Note 3) 3,600 141.732 (Note 3)
3,100 122.047
2,300 90.551
1,200 47.244
1,200 47.244
P.52
FT-A32
3,600 141.732 (Note 3) 3,600 141.732 (Note 3) 3,600 141.732 (Note 3) 3,600 141.732 (Note 3) 3,600 141.732 (Note 3)
2,900 114.173
2,900 114.173
P.52
FT-A32W
3,600 141.732 (Note 3) 3,600 141.732 (Note 3) 3,600 141.732 (Note 3) 3,600 141.732 (Note 3) 3,600 141.732 (Note 3)
2,000 78.740
2,100 82.677
P.52
FT-AL05
760 29.921
680 26.772
340 13.386
330 12.992
230
9.055
130
5.118
130
5.118
P.52
FT-E13
20
0.787
13
0.512
9
0.354
6
0.236
5
0.197
2
0.079
2
0.079
P.52
FT-E23
95
3.740
65
2.559
42
1.654
31
1.220
22
0.866
12
0.472
12
0.472
P.52
FT-H13-FM2
1,200 47.244
880 34.646
550 21.654
440 17.323
300 11.811
150
5.906
155
6.102
P.52
FT-H20-J20-S (Note 4)
530 20.866
390 15.354
225
8.858
200
7.874
140
5.512
60
2.362
60
2.362
P.53
FT-H20-J30-S (Note 4)
530 20.866
390 15.354
225
8.858
200
7.874
140
5.512
60
2.362
60
2.362
P.53
FT-H20-J50-S (Note 4)
530 20.866
390 15.354
225
8.858
200
7.874
140
5.512
60
2.362
60
2.362
P.53
FT-H20-M1
750 29.528
550 21.654
320 12.598
280 11.024
200
7.874
85
3.346
90
3.543
P.53
FT-H20-VJ50-S (Note 4)
840 33.071
550 21.654
370 14.567
280 11.024
200
7.874
90
3.543
90
3.543
P.53
FT-H20-VJ80-S (Note 4)
840 33.071
550 21.654
370 14.567
280 11.024
200
7.874
90
3.543
90
3.543
P.53
FT-H20W-M1
420 16.535
310 12.205
180
7.087
140
5.512
100
3.937
40
1.575
50
1.969
P.53
FT-H30-M1V-S (Note 5)
350
13.78
250
9.843
150
5.906
125
4.921
90
3.543
50
1.969
40
1.575
P.53
FT-H35-M2
750 29.528
550 21.654
330 12.992
280 11.024
200
7.874
85
3.346
90
3.543
P.53
FT-H35-M2S6
750 29.528
550 21.654
330 12.992
280 11.024
200
7.874
85
3.346
90
3.543
P.53
FT-HL80Y
3,500 137.795 (Note 3) 3,500 137.795 (Note 3)
1,800 70.866
1,350 53.150
900 35.433
450 17.717
480 18.898
P.53
FT-KS40
3,600 141.732 (Note 3) 3,600 141.732 (Note 3) 3,600 141.732 (Note 3)
2,700 106.299
1,900 74.803
1,000 39.370
850 33.465
P.54
FT-KV26
800 31.496
710 27.953
340 13.386
310 12.205
20
0.787
120
4.724
120
4.724
P.54
FT-KV40
3,600 141.732 (Note 3) 3,600 141.732 (Note 3)
3,200 125.984
2,500 98.425
1,800 70.866
1,000 39.370
1,000 39.370
P.54
FT-KV40W
3,600 141.732 (Note 3) 3,600 141.732 (Note 3)
3,200 125.984
2,000 78.740
1,400 55.118
790 31.102
810 31.890
P.54
FT-L80Y
3,500 137.795
3,500 137.795
2,000 78.740
1,500 59.055
1,000 39.370
500 19.685
530 20.866
P.54
Fibers are listed in alphabetic order. Refer to p.5~ “Fiber Selection” for details of each fiber.
LIST OF FIBERS
Notes: 1) Please contact our office about the sensing ranges for
FX-301-HS in H-SP mode.
2) Note that the sensing range of the free-cut type fiber may be reduced by 20 % max. depending upon how the fiber is cut.
3) The fiber cable length practically limits the sensing range.
4) Heat-resistant joint fibers and ordinary-temperature fibers (
FT-42) are sold as a set.
5) Sold as a set comprising vacuum type fiber + photo-terminal (
FV-BR1) + fiber at atmospheric side (FT-J8).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com