Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD-41SW Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # FD-41SW
Description  Digital Fiber Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FD-41SW Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button FD-41SW Datasheet HTML 20Page - List of Unclassifed Manufacturers FD-41SW Datasheet HTML 21Page - List of Unclassifed Manufacturers FD-41SW Datasheet HTML 22Page - List of Unclassifed Manufacturers FD-41SW Datasheet HTML 23Page - List of Unclassifed Manufacturers FD-41SW Datasheet HTML 24Page - List of Unclassifed Manufacturers FD-41SW Datasheet HTML 25Page - List of Unclassifed Manufacturers FD-41SW Datasheet HTML 26Page - List of Unclassifed Manufacturers FD-41SW Datasheet HTML 27Page - List of Unclassifed Manufacturers FD-41SW Datasheet HTML 28Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
Digital Fiber Sensor
FX-300 SERIES
166
Selection
Guide
Fibers
Fiber
Amplifiers
FX-500
FX-100
FX-300
FX-410
FX-311
FX-301-F7/
FX-301-F
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
ELECTRICITY
PREVENTION
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
CONSUMPTION
VISUALIZATION
COMPONENTS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
DIMENSIONS (Unit: mm in)
The CAD data in the dimensions can be downloaded from our website.
Amplifier
FX-301□ FX-305(P)
0.7
0.028
48.2
1.898
12
0.472
26.3
1.0352.5
0.098
8.3
0.327
MODE key
Jog switch
Digital display (Red)
Stability indicator
(Green) (Note 2)
Operation indicator
(Orange) (Note 1)
27.8
1.094
7
0.276
10.5
0.413
3.95
0.156
36.5
1.437
13.5
0.531
64.5
2.539
3
0.118
30.5
1.201
3
0.118
Communication
window
Suitable for 35 mm
1.378 in width DIN rail
7 0.276
7 0.276
10
0.394
Beam-
emitting
part
Beam-
receiving
part
(Note 3)
3.3
0.130
Notes: 1)
FX-305□; Output 1 operation indicator (Orange)
2)
FX-305□; Output 2 operation indicator (Orange)
3)
FX-301□; 3-pin, FX-305□; 4-pin
Main cable (Optional)
CN-73-C□ CN-74-C□
Sub cable (Optional)
CN-71-C□ CN-72-C□
L
ø3.3 ø0.130 cable
50
1.969
(Note 1)
2.65
0.104
2.54
0.100
2.54
0.100
10.5
0.413
0.2
0.008
13.6
0.535
10
0.394
14
0.551
7.2
0.283
3
0.118
2.9
0.114
6
0.236
10
0.394
7
0.276
12
0.472
( )
( )
( )
( )
(Note 2)
• Length L
Model No.
Length L
CN-73/74-C1 1,000 39.370
CN-73/74-C2 2,000 78.740
CN-73/74-C5 5,000 196.850
L
2.65
0.104
2.54
0.100
2.54
0.100
10.5
0.413
0.2
0.008
13.6
0.535
10
0.394
14
0.551
7.2
0.283
3
0.118
2.9
0.114
6
0.236
10
0.394
7
0.276
50
1.969
12
0.472
( )
( )
( )
(Note 2)
(Note 1)
3
0.118
( )
ø3.3 ø0.130 cable
Model No.
Length L
CN-71/72-C1
1,000 39.370
CN-71/72-C2
2,000 78.740
CN-71/72-C5
5,000 196.850
• Length L
Notes: 1)
CN-74-C□ only
2)
CN-73-C□; 3-core
Amplifier mounting bracket (Optional)
MS-DIN-2
2-ø3.2 ø0.126 holes
2
0.079
t 1
t 0.039
0.4
0.016
7.5
0.295 4.2 0.165
2
0.079
ø1.8
ø0.071
35
1.378
27
1.063
3.2
0.126
5.2
0.205
8.5
0.335
5.2
0.205
3.2
0.126
5
0.197
21.6 0.850
16 0.630
10
0.394
Material: Cold rolled carbon steel (SPCC)
(Uni-chrome plated)
Notes: 1)
CN-72-C□ only
2)
CN-71-C□: 1-core
End plate (Optional)
MS-DIN-E
2.75
0.108
4
0.157
3
0.118
M3 (length 18 mm 0.709 in) pan head screws
M3 square nut
5.6
0.220
24.7
0.972
1.6
0.063
32
1.260
60
2.362
15
0.591
3
0.118
Suitable for 35 mm 1.378 in width DIN rail
Material: Polycarbonate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com