Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD-41SW Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # FD-41SW
Description  Digital Fiber Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FD-41SW Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button FD-41SW Datasheet HTML 20Page - List of Unclassifed Manufacturers FD-41SW Datasheet HTML 21Page - List of Unclassifed Manufacturers FD-41SW Datasheet HTML 22Page - List of Unclassifed Manufacturers FD-41SW Datasheet HTML 23Page - List of Unclassifed Manufacturers FD-41SW Datasheet HTML 24Page - List of Unclassifed Manufacturers FD-41SW Datasheet HTML 25Page - List of Unclassifed Manufacturers FD-41SW Datasheet HTML 26Page - List of Unclassifed Manufacturers FD-41SW Datasheet HTML 27Page - List of Unclassifed Manufacturers FD-41SW Datasheet HTML 28Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
Digital Fiber Sensor
FX-300 SERIES
162
Selection
Guide
Fibers
Fiber
Amplifiers
FX-500
FX-100
FX-300
FX-410
FX-311
FX-301-F7/
FX-301-F
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
ELECTRICITY
PREVENTION
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
CONSUMPTION
VISUALIZATION
COMPONENTS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
PRECAUTIONS FOR PROPER USE
• This is the method of setting the threshold value by
teaching only the object absent condition (stable incident
light condition). This is used for detection in the presence
of a background body or for detection of small objects.
Step
Description
Display
Set the fiber within the
sensing range.
Press MODE key to light
up MODE indicator /
TEACH (yellow).
For
FX-305(P), select either Output 1 “
” or
Output 2 “
” beforehand, press jog switch
in the object absent condition. If the teaching
is accepted, the read incident light intensity
blinks in the display.
Thru-beam type Reflective type
Beam
incident condition
Background
body
MODE indicator / TEACH (yellow) blinks.
Turn jog switch to the “+” side or “–” side.
If jog switch is turned to the “+” side, “
” scrolls
(twice) the display from right to left (Note 1), and the
threshold level is shifted to a value
approx. 15 % higher (lower sensitivity)
than that set at . (Note 2)
This is used in case of reflective type fibers.
If jog switch is turned to the “–” side, “
” scrolls
(twice) the display from left to right, and the threshold
level is shifted to a value approx.
15 % lower (higher sensitivity)
than that set at . (Note 2)
This is used in case of thru-beam type fibers.
After this, the judgment on whether the setting
shift amount can be shifted or not is displayed.
•
In case shifting is possible: “
” blinks.
•
In case shifting is not possible: “
” blinks.
The threshold value is displayed.
“
” blinks in the digital display.
(only
FX-301B/G/H)
The incident light intensity appears in the
digital display and the setting is complete.
Notes: 1) Scrolling display is not available in
FX-301B/G/H.
2) The approx. 15 % amount of shift is the initial value. The amount of
shift can be changed in the PRO mode from approx. 5 to 80 %
(5 % step). Refer to the “PRO Mode Operation Guide” for more
details pertaining to setting instructions.
3) Do not move or bend the fiber cable after the sensitivity setting.
Detection may become unstable.
Step
Description
Display
Press MODE key to light
up MODE indicator / ADJ
(yellow).
–
For
FX-305(P), select either Output 1 “
”
or Output 2 “
” beforehand, in case the
threshold value is to be increased (sensitivity
to be reduced), turn the jog switch
to the “+” side to increase the
threshold value slowly. If the
jog switch is turned continuously to the “+”
side, the threshold value increases rapidly.
In case the threshold value is to be decreased
(sensitivity to be increased), turn the jog
switch to the “–” side to decrease the
threshold value slowly. If the jog
switch is turned continuously to
the “–” side, the threshold value
decreases rapidly.
or
When jog switch is pressed,
the threshold value is
confirmed.
–
Output operation setting
Threshold value fine adjustment
Step
Description
Display
Press MODE key to light
up MODE indicator / L/D
ON (yellow).
Displays
present setting
For
FX-305(P), select either Output 1 “
”
or Output 2 “
” beforehand,
if the jog switch is turn to
the “+” or “–” direction,
the output operation setting
will change.
Light state
Dark state
When jog switch is pressed,
the threshold value is
confirmed.
Displays
selected setting
Timer operation setting
• The setting for whether the timer is used or not can be
done when MODE indicator / TIMER (yellow) lights up.
For
FX-301B/G/H, the timer type can be set in PRO
mode.
• Further, an OFF-delay (initial value) which is useful when
the response of the connected device is slow, etc., an
ON-delay which is useful to detect only objects taking a
long time to travel, and ONE SHOT, which is useful when
the input specifications of the connected device require a
signal of a fixed width, are possible with the
FX-301□(-HS).
FX-305(P) is also equipped with ON-delay • OFF-delay and
ON-delay • ONE SHOT timers. Refer to the “PRO Mode
Operation Guide” for the setting method of the OFF-delay,
ON-delay and ONE SHOT timer intervals.
Incident light intensity
with object absent
Threshold value
Threshold value
15 %
15 %
ON
OFF
High
Low
100 %
Turn to “+” side
Turn to “–” side
OFF
ON
0
In case of limit teaching
For the wind comparator mode teaching in
FX-305(P), refer to
the separately prepared “PRO Mode Operation Guide”.
Please download the instruction manual from our website for
setting of threshold value when used in combination with liquid
level sensing fiber
FD-F8Y and with pipe-mountable liquid level
sensing fiber
FD-F4□.
Refer to p.1458~ for general precautions and to the “PRO mode operation guide”
on our website for details pertaining to operating instructions for the amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com