Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD-41SW Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # FD-41SW
Description  Digital Fiber Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FD-41SW Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button FD-41SW Datasheet HTML 15Page - List of Unclassifed Manufacturers FD-41SW Datasheet HTML 16Page - List of Unclassifed Manufacturers FD-41SW Datasheet HTML 17Page - List of Unclassifed Manufacturers FD-41SW Datasheet HTML 18Page - List of Unclassifed Manufacturers FD-41SW Datasheet HTML 19Page - List of Unclassifed Manufacturers FD-41SW Datasheet HTML 20Page - List of Unclassifed Manufacturers FD-41SW Datasheet HTML 21Page - List of Unclassifed Manufacturers FD-41SW Datasheet HTML 22Page - List of Unclassifed Manufacturers FD-41SW Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
157 DigitalFiberSensorFX-300SERIES
Selection
Guide
Fibers
Fiber
Amplifiers
FX-500
FX-100
FX-300
FX-410
FX-311
FX-301-F7/
FX-301-F
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
ELECTRICITY
PREVENTION
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
CONSUMPTION
VISUALIZATION
COMPONENTS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
SPECIFICATIONS
Notes: 1) Where measurement conditions have not been specified precisely, the conditions used were an ambient temperature of +23 °C +73.4 °F.
2) 50 mA per output. 25 mA if five, or more, amplifiers are connected in cascade.
3) The light emitting amount can be zero (emission halt) in all modes.
4) When the power supply is switched on, the light emission timing is automatically set for interference prevention.
5) When the interference prevention function “
” is set, the number of mountable fiber heads becomes double.
Furthermore, take care that the response time also becomes double.
6) The voltage withstandability and the insulation resistance values given in the above table are for the amplifier only.
7) The cable for amplifier connection is not supplied as an accessory. Make sure to use the optional quick-connection cables given below.
Main cable (3-core) for
FX-301(P)(-HS): CN-73-C1 (Cable length 1 m 3.281 ft), CN-73-C2 (Cable length 2 m 6.562 ft), CN-73-C5 (Cable length 5 m 16.404 ft)
Sub cable (1-core) for
FX-301(P)(-HS): CN-71-C1 (Cable length 1 m 3.281 ft), CN-71-C2 (Cable length 2 m 6.562 ft), CN-71-C5 (Cable length 5 m 16.404 ft)
Main cable (4-core) for
FX-305(P): CN-74-C1 (Cable length 1 m 3.281 ft), CN-74-C2 (Cable length 2 m 6.562 ft), CN-74-C5 (Cable length 5 m 16.404 ft)
Sub cable (2-core) for
FX-305(P): CN-72-C1 (Cable length 1 m 3.281 ft), CN-72-C2 (Cable length 2 m 6.562 ft), CN-72-C5 (Cable length 5 m 16.404 ft)
Type
Standard type
High-speed
type
High-function type
Red LED
Blue LED
Green LED Infrared LED
NPN output
FX-301
FX-301B
FX-301G
FX-301H
FX-301-HS
FX-305
Item
PNP output
FX-301P
FX-301BP
FX-301GP
FX-301HP FX-301P-HS
FX-305P
Supply voltage
12 to 24 V DC ±10 % Ripple P-P 10 % or less
Power consumption
<Red LED / Infrared LED type>
Normal operation: 960 mW or less (Current consumption 40 mA or less at 24 V supply voltage)
ECO mode: 600 mW or less (Current consumption 25 mA or less at 24 V supply voltage)
<Blue LED / Green LED type>
Normal operation: 720 mW or less (Current consumption 30 mA or less at 24 V supply voltage)
ECO mode: 430 mW or less (Current consumption 18 mA or less at 24 V supply voltage)
Output
<NPN output type>
NPN open-collector transistor
• Maximum sink current:100 mA (50 mA, if five, or more, amplifiers are connected in cascade.)
• Applied voltage: 30 V DC or less (between output and 0 V)
• Residual voltage: 1.5 V or less [at 100 mA (at 50 mA, if five, or more, amplifiers are connected in cascade) sink current.]
<NPN output type>
NPN open-collector transistor 2 outputs
• Maximum sink current: 50 mA each (Note 2)
• Applied voltage: 30 V DC or less (between output and 0 V)
• Residual voltage: 1.5 V or less [at 50 mA (Note 2)]
<PNP output type>
PNP open-collector transistor
• Maximum source current: 100 mA (50 mA, if five, or more, amplifiers are connected in cascade.)
• Applied voltage: 30 V DC or less (between output and +V)
• Residual voltage: 1.5 V or less [at 100 mA (at 50 mA, if five, or more, amplifiers are connected in cascade) source current.]
<PNP output type>
PNP open-collector transistor 2 outputs
• Maximum source current: 50 mA each (Note 2)
• Applied voltage: 30 V DC or less (between output and +V)
• Residual voltage: 1.5 V or less [at 50 mA (Note 2)]
Output operation
Selectable either Light-ON or Dark-ON, with jog switch
Short-circuit protection
Incorporated
Response time
65 µs or less [H-SP (Red LED type only)], 150 µs or less (FAST),
250 µs or less [STD / S-D (Red LED type only)],
2 ms or less (LONG), selectable with jog switch
35 µs or less (H-SP),
150 µs or less (FAST),
250 µs or less (STD / S-D),
2 ms or less (LONG),
selectable with jog switch
65 µs or less (H-SP), 150 µs or less (FAST),
250 µs or less (STD), 700 µs or less (STDF),
2.5 ms or less (LONG), 4.5 ms or less (U-LG),
selectable with jog switch
Sensitivity setting
2-point teaching / Limit teaching / Manual adjustment /
Full-auto teaching / Max. sensitivity teaching
Normal mode: 2-point teaching / Limit teaching / Full-auto teaching /
Max. sensitivity teaching / Manual adjustment
Window comparator mode: Teaching (1-point / 2-point / 3-point) / Manual adjustment
Operation indicator
Orange LED (lights up when the output is ON)
Stability indicator
Green LED (lights up under stable light received condition or stable dark condition)
–
MODE indicator
RUN: Green LED, TEACH • ADJ • L/D ON • TIMER • PRO: Yellow LED
Digital display
4 digit red LED display
Fine sensitivity adjustment function
Incorporated
Timer function
Incorporated with variable ON-delay / OFF-delay / ONE SHOT timer,
switchable either effective or ineffective.
Timer period: Red LED type; 0.5 ms approx., 1 to 9,999 ms
(Blue LED, Green LED, Infrared LED type; approx. 0.5 to 500 ms)
Incorporated with variable ON-delay / OFF-delay /
ONE SHOT / ON-delay • OFF-delay / ON-delay • ONE SHOT
timer, switchable either effective or ineffective.
(Timer period: Output 1; 0.5 ms, 1 to 9,999 ms, Output 2; 0.5 ms, 1 to 500 ms)
Light emitting amount
selection function
Incorporated (Red LED type only) (Note 3)
FAST, STD, LONG: 4 level, H-SP: 3 level, S-D: 2 level
Incorporated (Note 3)
FAST, STD, LONG: 4 level
H-SP, S-D: 2 level
Incorporated (Note 3)
FAST, STD, STDF, LONG, U-LG: 4 level
H-SP: 3 level
Automatic interference
prevention function
Incorporated (Up to four sets of fiber heads can be mounted
close together. However, 2 fiber heads in H-SP mode.) (Note 4)
–
Incorporated [Up to four sets of fiber heads can be
mounted close together. (However, 8 fiber heads in
U-LG mode, 2 fiber heads in H-SP mode.)] (Note 5)
Ambient temperature
–10 to +55 °C +14 to +131 °F (If 4 to 7 units are connected in cascade: –10 to +50 °C +14 to +122 °F, if 8 to 16 units are
connected in cascade: –10 to +45 °C +14 to +113 °F) (No dew condensation or icing allowed), Storage: –20 to +70 °C – 4 to +158 °F
Ambient humidity
35 to 85 % RH, Storage: 35 to 85 % RH
Ambient illuminance
Incandescent light: 3,000 ℓx at the light-receiving face
Voltage withstandability
1,000 V AC for one min. between all supply terminals connected together and enclosure (Note 6)
Insulation resistance
20 MΩ, or more, with 250 V DC megger between all supply terminals connected together and enclosure (Note 6)
Vibration resistance
10 to 150 Hz frequency, 0.75 mm 0.030 in amplitude in X, Y and Z directions for two hours each
Shock resistance
98 m/s2 acceleration (10 G approx.) in X, Y and Z directions for five times each
Emitting element (modulated)
Red LED
Blue LED
Green LED
Infrared LED
Red LED
Red LED
Peak emission wavelength 650 nm 0.026 mil 470 nm 0.019 mil 525 nm 0.021 mil 940 nm 0.037 mil 650 nm 0.026 mil
650 nm 0.026 mil
Material
Enclosure: Heat-resistant ABS, Case cover: Polycarbonate, MODE key: Acrylic, Jog switch: Heat-resistant ABS (
FX-301B/G/H: Acrylic)
Connecting method
Connector (Note 7)
Cable length
Total length up to 100 m 328.084 ft (50 m 164.042 ft for 5 to 8 units, 20 m 65.617 ft for 9 to 16 units) is possible with 0.3 mm2, or more, cable.
Weight
Net weight: 20 g approx., Gross weight: 25 g approx.
Accessory
FX-MB1 (amplifier
protection seal): 1 set
–
FX-MB1 (amplifier protection seal): 1 set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com