Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFAG1602A-RGG-JP Datasheet(PDF) 10 Page - Crystalfontz America, Inc.

Part # CFAG1602A-RGG-JP
Description  The LCD display Module is built in a LSI controller, the controller has two 8-bit registers, an instruction register (IR) and a data register (DR).
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFAG1602A-RGG-JP Datasheet(HTML) 10 Page - Crystalfontz America, Inc.

Back Button CFAG1602A-RGG-JP Datasheet HTML 6Page - Crystalfontz America, Inc. CFAG1602A-RGG-JP Datasheet HTML 7Page - Crystalfontz America, Inc. CFAG1602A-RGG-JP Datasheet HTML 8Page - Crystalfontz America, Inc. CFAG1602A-RGG-JP Datasheet HTML 9Page - Crystalfontz America, Inc. CFAG1602A-RGG-JP Datasheet HTML 10Page - Crystalfontz America, Inc. CFAG1602A-RGG-JP Datasheet HTML 11Page - Crystalfontz America, Inc. CFAG1602A-RGG-JP Datasheet HTML 12Page - Crystalfontz America, Inc. CFAG1602A-RGG-JP Datasheet HTML 13Page - Crystalfontz America, Inc. CFAG1602A-RGG-JP Datasheet HTML 14Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
http://www.crystalfontz.com
email: sales@crystalfontz.com
Phone: (509) 291-3514
Fax:
(509) 291-3345
Crystalfontz America, Inc.
15611 East Washington Road
Valleyford, WA 99036
Display Data RAM (DDRAM)
This DDRAM is used to store the display data represented in 8-bit character codes. Its extended
capacity is 80
8 bits or 80 characters. Below figure is the relationships between DDRAM
addresses and positions on the liquid crystal display.
Character Generator ROM (CGROM)
The CGROM generate 5
8 dot or 510 dot character patterns from 8-bit character codes. See
Table 2.
Character Generator RAM (CGRAM)
In CGRAM, the user can rewrite character by program.
For 5
8 dots, eight character patterns
can be written, and for 5
10 dots, four character patterns can be written.
Write into DDRAM the character code at the addresses shown as the left column of table 1. To
show the character patterns stored in CGRAM.
AC
(hexadecimal)
High bits
Low bits
AC6 AC5 AC4 AC3 AC2 AC1 AC0
1
0
0
1
1
1
0
Example: DDRAM addresses 4E
Display position DDRAM address
00
01
02
03
04
05
06
07
08
09 0A 0B 0C 0D 0E
0F
40
41
42
43
44
45
46
47
48
49 4A 4B 4C 4D 4E
4F
2-Line by 16-Character Display
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com