Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFAG1602A-RGG-JP Datasheet(PDF) 4 Page - Crystalfontz America, Inc.

Part # CFAG1602A-RGG-JP
Description  The LCD display Module is built in a LSI controller, the controller has two 8-bit registers, an instruction register (IR) and a data register (DR).
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFAG1602A-RGG-JP Datasheet(HTML) 4 Page - Crystalfontz America, Inc.

  CFAG1602A-RGG-JP Datasheet HTML 1Page - Crystalfontz America, Inc. CFAG1602A-RGG-JP Datasheet HTML 2Page - Crystalfontz America, Inc. CFAG1602A-RGG-JP Datasheet HTML 3Page - Crystalfontz America, Inc. CFAG1602A-RGG-JP Datasheet HTML 4Page - Crystalfontz America, Inc. CFAG1602A-RGG-JP Datasheet HTML 5Page - Crystalfontz America, Inc. CFAG1602A-RGG-JP Datasheet HTML 6Page - Crystalfontz America, Inc. CFAG1602A-RGG-JP Datasheet HTML 7Page - Crystalfontz America, Inc. CFAG1602A-RGG-JP Datasheet HTML 8Page - Crystalfontz America, Inc. CFAG1602A-RGG-JP Datasheet HTML 9Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
http://www.crystalfontz.com
email: sales@crystalfontz.com
Phone: (509) 291-3514
Fax:
(509) 291-3345
Crystalfontz America, Inc.
15611 East Washington Road
Valleyford, WA 99036
3UHFDXWLRQVLQXVHRI/&'0RGXOHV
(1)Avoid applying excessive shocks to the module or making any alterations or modifications to
it.
(2)Don’t make extra holes on the printed circuit board, modify its shape or change the
components of LCD module.
(3)Don’t disassemble the LCM.
(4)Don’t operate it above the absolute maximum rating.
(5)Don’t drop, bend or twist LCM.
(6)Soldering: only to the I/O terminals.
(7)Storage: please storage in anti-static electricity container and clean environment.
*HQHUDO6SHFLILFDWLRQ
Item
Dimension
Unit
Number of Characters
16 characters x 2 Lines

Module dimension
84.0 x 44.0 x 13.5(MAX)
mm
View area
66.0 x 17.0
mm
Active area
56.20 x 11.5
mm
Dot size
0.55 x 0.65
mm
Dot pitch
0.60 x 0.70
mm
Character size
2.95 x 5.55
mm
Character pitch
3.55 x 5.95
mm
LCD type
STN, Positive, Transflective, Gray
Duty
1/16
View direction
6 o’clock
Backlight Type
LED Amber




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com