Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFAG1602A-RGG-JP Datasheet(PDF) 13 Page - Crystalfontz America, Inc.

Part # CFAG1602A-RGG-JP
Description  The LCD display Module is built in a LSI controller, the controller has two 8-bit registers, an instruction register (IR) and a data register (DR).
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFAG1602A-RGG-JP Datasheet(HTML) 13 Page - Crystalfontz America, Inc.

Back Button CFAG1602A-RGG-JP Datasheet HTML 9Page - Crystalfontz America, Inc. CFAG1602A-RGG-JP Datasheet HTML 10Page - Crystalfontz America, Inc. CFAG1602A-RGG-JP Datasheet HTML 11Page - Crystalfontz America, Inc. CFAG1602A-RGG-JP Datasheet HTML 12Page - Crystalfontz America, Inc. CFAG1602A-RGG-JP Datasheet HTML 13Page - Crystalfontz America, Inc. CFAG1602A-RGG-JP Datasheet HTML 14Page - Crystalfontz America, Inc. CFAG1602A-RGG-JP Datasheet HTML 15Page - Crystalfontz America, Inc. CFAG1602A-RGG-JP Datasheet HTML 16Page - Crystalfontz America, Inc. CFAG1602A-RGG-JP Datasheet HTML 17Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
http://www.crystalfontz.com
email: sales@crystalfontz.com
Phone: (509) 291-3514
Fax:
(509) 291-3345
Crystalfontz America, Inc.
15611 East Washington Road
Valleyford, WA 99036
,QVWUXFWLRQ7DEOH
Instruction Code
Instruction
RS R/W DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
Description
Execution time
(fosc=270Khz)
Clear Display
0
0
0
0
0
0
0
0
0
1
Write “00H” to DDRAM and set
DDRAM address to “00H” from
AC
1.53ms
Return Home
0
0
0
0
0
0
0
0
1

Set DDRAM address to “00H”
from AC and return cursor to its
original position if shifted. The
contents of DDRAM are not
changed.
1.53ms
Entry Mode Set
0
0
0
0
0
0
0
1
I/D SH
Assign cursor
moving direction
and enable the shift of entire
display.
39
ôs
Display
ON/OFF
Control
0
0
0
0
0
0
1
D
C
B
Set display (D), cursor (C ), and
blinking of cursor (B) on/off
control bit.
39
ôs
Cursor or
Display Shift
0
0
0
0
0
1
S/C R/L
 
Set cursor moving and display
shift control bit, and the direction,
without changing of DDRAM
data.
39
ôs
Function Set
0
0
0
0
1
DL
N
F
 
Set interface data length
(DL:8-bit/4-bit), numbers of
display line (N:2-line/1-line)and,
display font type (F:5
11 dots/5
8 dots)
39
ôs
Set CGRAM
Address
0
0
0
1
AC5 AC4 AC3 AC2 AC1 AC0
Set CGRAM address in address
counter.
39
ôs
Set DDRAM
Address
0
0
1
AC6 AC5 AC4 AC3 AC2 AC1 AC0
Set DDRAM address in address
counter.
39
ôs
Read Busy Flag
and Address
0
1
BF AC6 AC5 AC4 AC3 AC2 AC1 AC0
Whether during internal operation
or not can be known by reading
BF. The contents of address
counter can also be read.
0
ôs
Write Data to
RAM
1
0
D7
D6
D5
D4
D3
D2
D1
D0
Write data into internal RAM
(DDRAM/CGRAM).
43
ôs
Read Data from
RAM
1
1
D7
D6
D5
D4
D3
D2
D1
D0
Read data from internal RAM
(DDRAM/CGRAM).
43
ôs
à ””šdon’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com