Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFAG1602A-RGG-JP Datasheet(PDF) 19 Page - Crystalfontz America, Inc.

Part # CFAG1602A-RGG-JP
Description  The LCD display Module is built in a LSI controller, the controller has two 8-bit registers, an instruction register (IR) and a data register (DR).
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFAG1602A-RGG-JP Datasheet(HTML) 19 Page - Crystalfontz America, Inc.

Back Button CFAG1602A-RGG-JP Datasheet HTML 12Page - Crystalfontz America, Inc. CFAG1602A-RGG-JP Datasheet HTML 13Page - Crystalfontz America, Inc. CFAG1602A-RGG-JP Datasheet HTML 14Page - Crystalfontz America, Inc. CFAG1602A-RGG-JP Datasheet HTML 15Page - Crystalfontz America, Inc. CFAG1602A-RGG-JP Datasheet HTML 16Page - Crystalfontz America, Inc. CFAG1602A-RGG-JP Datasheet HTML 17Page - Crystalfontz America, Inc. CFAG1602A-RGG-JP Datasheet HTML 18Page - Crystalfontz America, Inc. CFAG1602A-RGG-JP Datasheet HTML 19Page - Crystalfontz America, Inc. CFAG1602A-RGG-JP Datasheet HTML 20Page - Crystalfontz America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
http://www.crystalfontz.com
email: sales@crystalfontz.com
Phone: (509) 291-3514
Fax:
(509) 291-3345
Crystalfontz America, Inc.
15611 East Washington Road
Valleyford, WA 99036
5HOLDELOLW\
Content of Reliability Test
Environmental Test
Test Item
Content of Test
Test Condition
Applicable
Standard
High
Temperature
storage
Endurance test applying the high storage
temperature for a long time.
60
:
200hrs
——
Low
Temperature
storage
Endurance test applying the high storage
temperature for a long time.
-10
:
200hrs
——
High
Temperature
Operation
Endurance test applying the electric stress
(Voltage & Current) and the thermal stress
to the element for a long time.
50
:
200hrs
——
Low
Temperature
Operation
Endurance test applying the electric stress
under low temperature for a long time.
0
:
200hrs
——
High
Temperature/
Humidity
Storage
Endurance test applying the high
temperature and high humidity storage for a
long time.
60
:,90%RH
96hrs
——
High
Temperature/
Humidity
Operation
Endurance test applying the electric stress
(Voltage & Current) and temperature /
humidity stress to the element for a long
time.
50
:,90%RH
96hrs
——
Temperature
Cycle
Endurance test applying the low and high
temperature cycle.
-10
:
25
:
60
:
30min
5min
30min
1 cycle
-10
:/60:
10 cycles
——
Mechanical Test
Vibration test
Endurance test applying the vibration
during transportation and using.
10~22Hz
(1.5mmp-p
22~500Hz
(1.5G
Total 0.5hrs
——
Shock test
Constructional and mechanical endurance
test applying the shock during
transportation.
50G Half sign
wave 11 msedc
3 times of each
direction
——
Atmospheric
pressure test
Endurance test applying the atmospheric
pressure during transportation by air.
115mbar
40hrs
——
Others
Static electricity
test
Endurance test applying the electric stress to
the terminal.
VS=800V,RS=1.5k
è
CS=100pF
1 time
——
***Supply voltage for logic system=5V. Supply voltage for LCD system =Operating voltage at 25
:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com