Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFAG1602A-RGG-JP Datasheet(PDF) 8 Page - Crystalfontz America, Inc.

Part # CFAG1602A-RGG-JP
Description  The LCD display Module is built in a LSI controller, the controller has two 8-bit registers, an instruction register (IR) and a data register (DR).
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFAG1602A-RGG-JP Datasheet(HTML) 8 Page - Crystalfontz America, Inc.

Back Button CFAG1602A-RGG-JP Datasheet HTML 4Page - Crystalfontz America, Inc. CFAG1602A-RGG-JP Datasheet HTML 5Page - Crystalfontz America, Inc. CFAG1602A-RGG-JP Datasheet HTML 6Page - Crystalfontz America, Inc. CFAG1602A-RGG-JP Datasheet HTML 7Page - Crystalfontz America, Inc. CFAG1602A-RGG-JP Datasheet HTML 8Page - Crystalfontz America, Inc. CFAG1602A-RGG-JP Datasheet HTML 9Page - Crystalfontz America, Inc. CFAG1602A-RGG-JP Datasheet HTML 10Page - Crystalfontz America, Inc. CFAG1602A-RGG-JP Datasheet HTML 11Page - Crystalfontz America, Inc. CFAG1602A-RGG-JP Datasheet HTML 12Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
http://www.crystalfontz.com
email: sales@crystalfontz.com
Phone: (509) 291-3514
Fax:
(509) 291-3345
Crystalfontz America, Inc.
15611 East Washington Road
Valleyford, WA 99036
&RQWRXU'UDZLQJ %ORFN'LDJUDP
16X2 LCD
01
41
Character located
Vdd
Vo
Vss
Vee
External contrast adjustment.
DDRAM address
DDRAM address
00
40
12
10K~20K
80 series
68 series
or
MPU
DB0~DB7
VR
RS
R/W
E
05
45
02 03 04
43
42
44
34 56
06 07 08 09
47
46
48 49
789 10
4E
0A 0B 0C 0D
4A 4B 4C 4D
11 12 13 14
0E 0F
4F
15 16
Controller/Com Driver
Vdd,Vss,V1~V5
Optional
HD44780
Equivalent
or
D
M
CL1
CL2
Seg1~40
Com1~16
71.2
66.0(VA)
84.0 0.5
13.9
76.0
2.5
P2.54*15=38.1
1.8
4.0
10.2
6.4
14
9.0
0.55
0.6
2.95
0.6
3.55
DOT SIZE
2- 2.5 PTH
2- 5.0 PAD
56.2(AA)
16- 1.0 PTH
15
1 16
6- 1.0 PTH
6- 2.0 PAD
2.5
1.5
A
K
2-R1.25
2-R2.5
A
K
LCM
(Will never get Vee output from pi
Seg Driver
Seg41~80
RR
B/L
The non-specified tolerance of dimension is
0.3mm.
1.6
12.1
7.5
Low
H1 13.5
H2
8.9
LED-H/L B/L
High
14
15
16
12
13
H2
H1 max
9
10
11
8
7
4
6
5
3
2
1
DB5
A/Vee
DB7
DB6
K
DB0
DB4
DB3
DB2
DB1
RS
R/W
Vo
Vdd
E
Vss
LED B/L Drive Method
Drive from pin15, pin16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com