Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE201612E-R47M Datasheet(PDF) 4 Page - Analog Devices

Part # DFE201612E-R47M
Description  500mV to 5.5V Input, Ultrasonic Boost Converter with Short-Circuit Protection and True Shutdown
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DFE201612E-R47M Datasheet(HTML) 4 Page - Analog Devices

  DFE201612E-R47M Datasheet HTML 1Page - Analog Devices DFE201612E-R47M Datasheet HTML 2Page - Analog Devices DFE201612E-R47M Datasheet HTML 3Page - Analog Devices DFE201612E-R47M Datasheet HTML 4Page - Analog Devices DFE201612E-R47M Datasheet HTML 5Page - Analog Devices DFE201612E-R47M Datasheet HTML 6Page - Analog Devices DFE201612E-R47M Datasheet HTML 7Page - Analog Devices DFE201612E-R47M Datasheet HTML 8Page - Analog Devices DFE201612E-R47M Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
500mV to 5.5V Input, Ultrasonic
Boost Converter with Short-Circuit
Protection and True Shutdown
MAX18002
www.analog.com
Analog Devices | 4
Electrical Characteristics
(VIN = 3V, VOUT = 3.3V, EN = high, TJ = -40ºC to +125ºC, unless otherwise specified. See Note 2.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage Range
VIN
Input range after start-up
0.5
5.5
V
Input Voltage UVLO
VIN_UVLO
VIN rising, when VOUT is 1V or below
1.75
1.8
1.85
V
VIN falling, when VOUT is 1V or below
1.65
1.7
1.75
Supply Current Into
OUT
IQ_OUT
VEN = VIN, not switching, TJ = +25°C,
RSEL = 191kΩ (Note 3)
150
1600
µA
Supply Current Into IN
IQ_IN
VEN = VIN, not switching, TJ = +25°C,
RSEL = 191kΩ (Note 3)
-3
-1
1
µA
Input Shutdown Current
ISD_IN
VEN = 0V, VOUT = 0V, TJ = +25°C
7
36
nA
LX Maximum Duty
Cycle
DC_USM
TJ = +25°C (Note 4)
85
%
POWER SWITCHES
High-Side RDSON
RDS_H
60
90
mΩ
Low-Side RDSON
RDS_L
30
60
mΩ
OUTPUT VOLTAGE
Output-Voltage Range
VOUT
(Note 5)
2.5
5.5
V
Output Accuracy
VOUT_ACC
Measured when the part exits USM and
is in skip mode (Note 6)
-1
+1
%
DC Load Regulation
ACCLOAD
Load from 20mA to IOUT at 80% of peak
inductor current
-1
%
DC Line Regulation
ACCLINE
Duty cycle varied from 25% to maximum
-1
%
LX SWITCHING WAVEFORMS
Switching Frequency
FSW
VIN = 3.3V, VOUT - VIN > 0.25V, TJ =
+25°C
2
MHz
LX TON
TON_3.3V
VIN = 3.3V, VOUT = 5V
136
170
204
ns
TON_1.8V
VIN = 1.8V, VOUT = 5V
256
320
384
LX Minimum TON
TONMIN
VIN = 3V, VOUT = 3.3V
50
60
70
ns
LX Minimum TOFF
TOFFMIN
VIN = 3V, VOUT = 3.3V
50
60
70
ns
LIGHT LOAD CONDITION
Ultrasonic Mode
Minimum Switching
Frequency
FUSM
VIN = 3.3V, VOUT - VIN > 0.25V
22
29
35
kHz
Zero Crossing
Threshold
IZX_LX
(Note 7)
75
150
225
mA
STARTUP
Soft-Start Time
tSS_LINEAR
Target VIN = VOUT = 3.6V, linear mode,
COUTEFF = 22μF, TJ = +25°C
350
µs
Soft-Start Rate
dV/dt
VIN = 3.6V, VOUT from 3.3V to 5V, boost
mode, COUTEFF = 22μF, TJ = +25°C
3
V/ms
ENABLE, RSEL, ACTIVE DISCHARGE
Required Select
Resistor Accuracy
ACCRSEL
Use the resistor from the RSEL selection
table
±1
%
Select Resistor
Detection Time
tRSEL
CRSEL < 2pF (Note 8)
600
1320
µs
Active Discharge
Resistance
RDIS
Between OUT and GND when EN = low,
TJ = +25°C
100
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com