Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE201612E-R47M Datasheet(PDF) 10 Page - Analog Devices

Part # DFE201612E-R47M
Description  500mV to 5.5V Input, Ultrasonic Boost Converter with Short-Circuit Protection and True Shutdown
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DFE201612E-R47M Datasheet(HTML) 10 Page - Analog Devices

Back Button DFE201612E-R47M Datasheet HTML 6Page - Analog Devices DFE201612E-R47M Datasheet HTML 7Page - Analog Devices DFE201612E-R47M Datasheet HTML 8Page - Analog Devices DFE201612E-R47M Datasheet HTML 9Page - Analog Devices DFE201612E-R47M Datasheet HTML 10Page - Analog Devices DFE201612E-R47M Datasheet HTML 11Page - Analog Devices DFE201612E-R47M Datasheet HTML 12Page - Analog Devices DFE201612E-R47M Datasheet HTML 13Page - Analog Devices DFE201612E-R47M Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
500mV to 5.5V Input, Ultrasonic
Boost Converter with Short-Circuit
Protection and True Shutdown
MAX18002
www.analog.com
Analog Devices | 10
Functional Diagram
CONTROL LOGIC
AND
MODULATOR
CURRENT
SENSE
TARGET
OUTPUT
SELECTOR
COUT
2 x 22µF
MAX18002
CIN
22µF
LX
IN
EN
GND
OUT
RSEL
RSEL
REVERSE
BLOCKING
LOW (OFF)
HIGH (ON)
TARGET VOUT
L
VIN
0.5V* TO 5V
START-UP /
SHUTDOWN
CONTROL
ENABLE
EN
BOOTSTRAP SUPPLY
ACTIVE
DISCHARGE
VOUT
2.5V TO 5.5V
*MINIMUM START-UP VOLTAGE IS 1.8V
PASS
THROUGH
THERMAL
SHUTDOWN
REFERENCE
VREF
Figure 1. MAX180002 Simplified Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com