Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE201612E-R47M Datasheet(PDF) 14 Page - Analog Devices

Part # DFE201612E-R47M
Description  500mV to 5.5V Input, Ultrasonic Boost Converter with Short-Circuit Protection and True Shutdown
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DFE201612E-R47M Datasheet(HTML) 14 Page - Analog Devices

Back Button DFE201612E-R47M Datasheet HTML 9Page - Analog Devices DFE201612E-R47M Datasheet HTML 10Page - Analog Devices DFE201612E-R47M Datasheet HTML 11Page - Analog Devices DFE201612E-R47M Datasheet HTML 12Page - Analog Devices DFE201612E-R47M Datasheet HTML 13Page - Analog Devices DFE201612E-R47M Datasheet HTML 14Page - Analog Devices DFE201612E-R47M Datasheet HTML 15Page - Analog Devices DFE201612E-R47M Datasheet HTML 16Page - Analog Devices DFE201612E-R47M Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
500mV to 5.5V Input, Ultrasonic
Boost Converter with Short-Circuit
Protection and True Shutdown
MAX18002
www.analog.com
Analog Devices | 14
SHORT
VOUT
ILX
IPEAK_LX = 3.6A
(TYPICAL)
ISC = 0.7A
(TYPICAL)
Figure 4. Short-Circuit Operation
Applications Information
Inductor Selection
Select an inductor with a saturation current rating (ISAT) greater than or equal to the maximum high-side switching current
limit threshold (ILIM) setting. In general, inductors with lower saturation current and higher DC resistance (DCR) ratings
are physically small. Higher values of DCR reduce converter efficiency. Choose RMS current rating (IRMS) of the inductor
(the current at which the temperature rises appreciably) based on the expected load current.
The chosen inductor value should ensure that the peak-inductor ripple current (IPEAK) is below the ILIM setting so that the
converter can maintain regulation. The inductors recommended for different ranges of output voltages are shown in Table
2.
Table 2. Inductor and Output Capacitance Values vs Output Voltage
OUTPUT VOLTAGE (V)
RECOMMENDED INDUCTOR (nH)
EFFECTIVE OUTPUT CAPACITANCE
(µF)*
5
470
9
3.3–5
330
20
2.5–3.3
220
20
*The effective capacitance for all voltage levels can be achieved using 2 x 22µF, X5R, 0603 capacitors.
Table 3. Recommended Inductors
VENDOR
PART NUMBER
NOMINAL
INDUCTANCE
(nH)
TYPICAL
DCR (mΩ)
ISAT
(A)
IRMS
(A)
DIMENSIONS
(L x W x H (mm))
OUTPUT
VOLTAGE
(V)
Murata
DFE201612E-R47M
470
26
5.5
4.5
2.0 x 1.6 x 1.2
5
Taiyo
Yuden
MEKK2016HR47M
470
26
6.1
4.7
2.0 x 1.6 x 1.0
5
Murata
DFE201612E-R33M
330
21
6.3
4.8
2.0 x 1.6 x 1.2
3.3
Bourns
SRP2010TMA-R33M
330
29
5.0
3.8
2.0 x 1.6 x 1.0
3.3
Vishay
IHHP0806ABERR22M01
220
13
5.8
5.3
2.0 x 1.6 x 1.2
2.5
Taiyo
Yuden
MAKK2016HR22M
220
26
5.8
4
2.0 x 1.6 x 1.0
2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com