Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE201612E-R47M Datasheet(PDF) 11 Page - Analog Devices

Part # DFE201612E-R47M
Description  500mV to 5.5V Input, Ultrasonic Boost Converter with Short-Circuit Protection and True Shutdown
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DFE201612E-R47M Datasheet(HTML) 11 Page - Analog Devices

Back Button DFE201612E-R47M Datasheet HTML 7Page - Analog Devices DFE201612E-R47M Datasheet HTML 8Page - Analog Devices DFE201612E-R47M Datasheet HTML 9Page - Analog Devices DFE201612E-R47M Datasheet HTML 10Page - Analog Devices DFE201612E-R47M Datasheet HTML 11Page - Analog Devices DFE201612E-R47M Datasheet HTML 12Page - Analog Devices DFE201612E-R47M Datasheet HTML 13Page - Analog Devices DFE201612E-R47M Datasheet HTML 14Page - Analog Devices DFE201612E-R47M Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
500mV to 5.5V Input, Ultrasonic
Boost Converter with Short-Circuit
Protection and True Shutdown
MAX18002
www.analog.com
Analog Devices | 11
Detailed Description
The MAX18002 is an ultrasonic boost converter with an input voltage range of 500mV to 5.5V ideal for IoT and wearable
applications. The start-up voltage required for the IC is about 1.8V (typical). The output voltage is adjustable between
2.5V and 5.5V (in steps of 100mV) using a single external resistor connected between RSEL and GND.
The MAX18002 operates in three modes; ultrasonic mode (USM), skip mode, and continuous conduction mode (CCM)
according to the load current. In USM, the switching frequency of the IC is kept above 22kHz even at light loads to stay
away from the audible frequency range. When VIN > VOUT, the part goes into pass-through mode where it regulates to
the VIN level and operates with a switching frequency of 29kHz (typical).
The part is equipped with a cycle-to-cycle switch current limit, thermal shutdown, and short-circuit protection to protect
the system and the device itself.
Output-Voltage Selection
The MAX18002 has a unique single resistor output selection method where the resistor connected between RSEL and
GND is used to select different output voltages from 2.5V to 5.5V (USM disabled for VOUT > 5V) in 100mV steps as
shown in Table 1. The advantages of using a single RSEL for output-voltage selection are as follows:
• Lower cost and smaller size, since only one resistor is needed versus the two resistor strings needed in typical
feedback connections.
• No power loss through feedback resistors during operation leading to higher efficiency.
• Allows customers to stock just one part in their inventory system and use it in multiple projects with different output
voltages just by changing a single standard 1% resistor.
Table 1. RSEL Selection Table
OUTPUT VOLTAGE (V)
RSEL (kΩ)**
2.5
768
2.6
634
2.7
536
2.8
452
2.9
383
3.0
324
3.1
267
3.2
226
3.3
191
3.4
162
3.5
133
3.6
113
3.7
95.3
3.8
80.6
3.9
66.5
4.0
56.2
4.1
47.5
4.2
40.2
4.3
34
4.4
28
4.5
23.7
4.6
20
4.7
16.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com