Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE201612E-R47M Datasheet(PDF) 5 Page - Analog Devices

Part # DFE201612E-R47M
Description  500mV to 5.5V Input, Ultrasonic Boost Converter with Short-Circuit Protection and True Shutdown
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DFE201612E-R47M Datasheet(HTML) 5 Page - Analog Devices

  DFE201612E-R47M Datasheet HTML 1Page - Analog Devices DFE201612E-R47M Datasheet HTML 2Page - Analog Devices DFE201612E-R47M Datasheet HTML 3Page - Analog Devices DFE201612E-R47M Datasheet HTML 4Page - Analog Devices DFE201612E-R47M Datasheet HTML 5Page - Analog Devices DFE201612E-R47M Datasheet HTML 6Page - Analog Devices DFE201612E-R47M Datasheet HTML 7Page - Analog Devices DFE201612E-R47M Datasheet HTML 8Page - Analog Devices DFE201612E-R47M Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
500mV to 5.5V Input, Ultrasonic
Boost Converter with Short-Circuit
Protection and True Shutdown
MAX18002
www.analog.com
Analog Devices | 5
(VIN = 3V, VOUT = 3.3V, EN = high, TJ = -40ºC to +125ºC, unless otherwise specified. See Note 2.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Enable Input Leakage
ILEAK_EN
TJ = +25°C, VEN = 5.5V
0.3
100
nA
Enable Voltage High
Threshold
VIH
VEN rising, LX begins switching
0.8
1.2
V
Enable Voltage Low
Threshold
VIL
VEN falling, LX stops switching
0.4
V
PROTECTION
Inductor Peak Current
Limit
IPEAK_LX
VOUT = 3.3V (Note 7)
3
3.6
4
A
Short-Circuit Current
Limit
ISC
VIN = VEN = 2.5V, VOUT < 0.5V, VOUT
hysteresis = 100mV
400
700
1000
mA
Short-Circuit Detection
Time
tSC
VIN - VOUT = 0.7V
100
ns
Thermal-Shutdown
Threshold
TSHUT_R
TJ rising
165
˚C
TSHUT_F
TJ falling
150
Note 2: Limits over the specified operating temperature and supply voltage range are guaranteed by design and characterization
and production tested at room temperature only.
Note 3: This measurement was taken in test mode.
Note 4: Guaranteed by measuring LX frequency and duty cycle. Maximum duty cycle is a function of input voltage since LX on time
varies with VIN.
Note 5: The ultrasonic function is disabled when OUT regulation is set above 5V.
Note 6: This does not account for ripple, load regulation, and line regulation.
Note 7: This is a static measurement. The actual peak current limit and zero crossing threshold depend on VIN and L due to
propagation delays.
Note 8: This is the time required to determine the RSEL value. This time adds to the start-up time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com