Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LR128FB Datasheet(PDF) 71 Page - STMicroelectronics

Part # M58LR128FB
Description  128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LR128FB Datasheet(HTML) 71 Page - STMicroelectronics

Back Button M58LR128FB Datasheet HTML 67Page - STMicroelectronics M58LR128FB Datasheet HTML 68Page - STMicroelectronics M58LR128FB Datasheet HTML 69Page - STMicroelectronics M58LR128FB Datasheet HTML 70Page - STMicroelectronics M58LR128FB Datasheet HTML 71Page - STMicroelectronics M58LR128FB Datasheet HTML 72Page - STMicroelectronics M58LR128FB Datasheet HTML 73Page - STMicroelectronics M58LR128FB Datasheet HTML 74Page - STMicroelectronics M58LR128FB Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 82 page
background image
71/82
M58LR128FT, M58LR128FB
Figure 25. Block Erase Flowchart and Pseudo Code
Note: 1. If an error is found, the Status Register must be cleared before further Program/Erase operations.
2. Any address within the bank can equally be used.
Write 20h (2)
AI10524
Start
Write Block
Address & D0h
Read Status
Register (2)
YES
NO
SR7 = 1
YES
NO
SR3 = 0
YES
SR4, SR5 = 1
VPP Invalid
Error (1)
Command
Sequence Error (1)
NO
NO
SR5 = 0
Erase Error (1)
End
YES
NO
SR1 = 0
Erase to Protected
Block Error (1)
YES
erase_command ( blockToErase ) {
writeToFlash (blockToErase, 0x20) ;
/*see note (2) */
writeToFlash (blockToErase, 0xD0) ;
/* only A12-A22 are significant */
/* Memory enters read status state after
the Erase Command */
} while (status_register.SR7== 0) ;
do {
status_register=readFlash (blockToErase) ;
/* see note (2) */
/* E or G must be toggled*/
if (status_register.SR3==1) /*VPP invalid error */
error_handler ( ) ;
if ( (status_register.SR4==1) && (status_register.SR5==1) )
/* command sequence error */
error_handler ( ) ;
if (status_register.SR1==1) /*program to protect block error */
error_handler ( ) ;
if ( (status_register.SR5==1) )
/* erase error */
error_handler ( ) ;
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com