Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LR128FB Datasheet(PDF) 23 Page - STMicroelectronics

Part # M58LR128FB
Description  128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LR128FB Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M58LR128FB Datasheet HTML 19Page - STMicroelectronics M58LR128FB Datasheet HTML 20Page - STMicroelectronics M58LR128FB Datasheet HTML 21Page - STMicroelectronics M58LR128FB Datasheet HTML 22Page - STMicroelectronics M58LR128FB Datasheet HTML 23Page - STMicroelectronics M58LR128FB Datasheet HTML 24Page - STMicroelectronics M58LR128FB Datasheet HTML 25Page - STMicroelectronics M58LR128FB Datasheet HTML 26Page - STMicroelectronics M58LR128FB Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 82 page
background image
23/82
M58LR128FT, M58LR128FB
Program Suspend Status Bit (SR2). The
Pro-
gram Suspend Status bit indicates that a program
operation has been suspended in the addressed
block. The Program Suspend Status bit should
only be considered valid when the Program/Erase
Controller Status bit is High (Program/Erase Con-
troller inactive).
When the Program Suspend Status bit is High (set
to ‘1’), a Program/Erase Suspend command has
been issued and the memory is waiting for a Pro-
gram/Erase Resume command.
SR2 is set within the Program Suspend Latency
time of the Program/Erase Suspend command be-
ing issued therefore the memory may still com-
plete the operation rather than entering the
Suspend mode.
When a Program/Erase Resume command is is-
sued the Program Suspend Status bit returns Low.
Block Protection Status Bit (SR1). The
Block
Protection Status bit is used to identify if a Pro-
gram or Block Erase operation has tried to modify
the contents of a locked block.
When the Block Protection Status bit is High (set
to ‘1’), a program or erase operation has been at-
tempted on a locked block.
Once set High, the Block Protection Status bit
must be set Low by a Clear Status Register com-
mand or a hardware reset before a new program
or erase command is issued, otherwise the new
command will appear to fail.
Bank Write/Multiple Word Program Status Bit
(SR0). The Bank Write Status bit indicates wheth-
er the addressed bank is programming or erasing.
In Buffer Enhanced Factory Program mode the
Multiple Word Program bit shows if the device is
ready to accept a new Word to be programmed to
the memory array.
The Bank Write Status bit should only be consid-
ered valid when the Program/Erase Controller Sta-
tus SR7 is Low (set to ‘0’).
When both the Program/Erase Controller Status bit
and the Bank Write Status bit are Low (set to ‘0’),
the addressed bank is executing a program or
erase operation. When the Program/Erase Con-
troller Status bit is Low (set to ‘0’) and the Bank
Write Status bit is High (set to ‘1’), a program or
erase operation is being executed in a bank other
than the one being addressed.
In Buffer Enhanced Factory Program mode if Mul-
tiple Word Program Status bit is Low (set to ‘0’),
the device is ready for the next Word, if the Multi-
ple Word Program Status bit is High (set to ‘1’) the
device is not ready for the next Word.
For further details on how to use the Status Regis-
ter, see the Flowcharts and Pseudocodes provid-
ed in APPENDIX C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com